Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD12P10 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD12P10
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD12P10 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD12P10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD12P10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD12P10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD12P10 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSD12P10
-12A , -100V , RDS(ON) 210mΩ
P-Channel Enhancement MOSFET
16-Nov-2012 Rev. C
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Drain-Source Breakdown Voltage
BVDSS
-100
-
-
V
VGS=0, ID= -250μA
Breakdown Voltage Temperature Coefficient △BVDSS /△TJ
-
-0.096
-
V/°C
Reference to 25°C,
ID= -1mA
Gate-Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250μA
Forward Transconductance
gfs
-
8
-
S
VDS= -10V, ID= -8A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±32V
Drain-Source Leakage Current (TJ =25°C)
-
-
-1
VDS= -100V, VGS =0
Drain-Source Leakage Current(TJ=150°C)
IDSS
-
-
-25
μA
VDS= -80V, VGS =0
-
-
210
VGS= -10V, ID= -8A
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
250
mΩ
VGS= -4.5V, ID= -6A
Total Gate Charge
2
Qg
-
16
-
Gate-Source Charge
Qgs
-
4.4
-
Gate-Drain (“Miller”) Change
Qgd
-
8.7
-
nC
ID= -8A
VDS= -80V
VGS= -4.5V
Turn-on Delay Time
2
Td(on)
-
9
-
Rise Time
Tr
-
14
-
Turn-off Delay Time
Td(off)
-
45
-
Fall Time
Tf
-
40
-
nS
VDS= -50V
ID= -8A
VGS= -10V
RG=3.3Ω
RD=6.25Ω
Input Capacitance
Ciss
-
1590
-
Output Capacitance
Coss
-
110
-
Reverse Transfer Capacitance
Crss
-
70
-
pF
VGS =0
VDS= -25V
f =1.0MHz
Gate Resistance
Rg
-
8
12
Ω
f=1.0MHz
Source-Drain Diode
Forward On Voltage
2
VSD
-
-
-1.3
V
IS= -12A, VGS=0
Continuous Source Current(Body Diode)
IS
-
-
-12
A
Pulsed Source Current(Body Diode)
1
ISM
-
-
-48
A
VD=VG=0V, VS =1.3V
Notes:
1. Pulse width limited by safe operating area.
2. Pulse width ≦300us, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com