Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0093 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0093
Description  GaAs Broadband SPDT Switch DC - 6.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0093 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0093 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0093 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0093 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs Broadband SPDT Switch
DC - 6.0 GHz
Rev. V2
MASWSS0093
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• UNII, Hiperlan, and 802.11a+b/g Applications
• Broadband Performance: DC-6 GHz
• Low Insertion Loss: 0.9 dB at 6 GHz
• High Isolation: 28 dB Typical
• Fast Switching Speed: 0.5 µm GaAs PHEMT
• High Power: 36 dBm P1dB
• Lead-Free 3 mm 12-lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0093 is a broadband GaAs
PHEMT MMIC SPDT switch in a low cost, lead-free
3 mm 12-lead PQFN package. The MASWSS0093
is ideally suited for applications where very small
size and low cost are required.
The MASWSS0093, with its small size and low
height, is ideal for 802.11a and 802.11b/g PC card
and access point applications.
The MASWSS0093 delivers high isolation, low
insertion loss and high linearity up to 6 GHz.
The MASWSS0093 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Pin No.
Pin Name
Description
1
VC1
Control 1
2
RF1
RF Port 1
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
RF2
RF Port 2
9
VC2
Control 2
10
GND
Ground
11
RFC
RF Input
12
GND
Ground
13
Paddle
2
RF and DC Ground
Pin Configuration
2.
The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Functional Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Input Power @ 3 V Control
+37 dBm
Input Power @ 5 V Control
+39 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
Ordering Information
1
Part Number
Package
MASWSS0093
Bulk Packaging
MASWSS0093TR
1000 piece reel
MASWSS0093SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.


Similar Part No. - MASWSS0093

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0093 MACOM-MASWSS0093 Datasheet
184Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0093SMB MACOM-MASWSS0093SMB Datasheet
184Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0093SMB MA-COM-MASWSS0093SMB Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0093TR MACOM-MASWSS0093TR Datasheet
184Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
More results

Similar Description - MASWSS0093

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007588 MACOM-MASW-007588 Datasheet
89Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MACOM-MASWSS0070 Datasheet
119Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MACOM-MASWSS0093 Datasheet
184Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
GaAs SPDT Switch DC - 6.0 GHz
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com