Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0103 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0103
Description  SPDT High Isolation CATV Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0103 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0103 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0103 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0103 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0103 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SPDT High Isolation CATV Switch
5 - 1000 MHz
Rev. V1
MASWSS0103
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 75 Ohm Impedance
• Input Terminated
• Positive Voltage Control
• High Isolation: 65 dB at 870 MHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 4 mm 20-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0103 is a GaAs PHEMT
MMIC single pole double throw (SPDT) switch in a
lead-free 4 mm 20-lead PQFN package.
The
MASWSS0103 is ideally suited for applications
where low control voltage, high isolation, small size
and low cost are required.
Typical applications are to replace mechanical
relays in CATV systems. This part can be used in all
75
Ω systems operating up to 1 GHz.
The MASWSS0103 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Functional Schematic
GND
G1
GND
V2
V1
RF1
GND
GT1
GI1
GND RFC GND
GI2
GT2
GND
RF2
GND
GND
V1
G2
GND
G1
GND
V2
V1
RF1
GND
GT1
GI1
GND RFC GND
GI2
GT2
GND
RF2
GND
GND
V1
G2
Ordering Information
1
Part Number
Package
MASWSS0103TR-3000
13 inch, 3000 piece reel
MASWSS0103SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Pin Configuration
2
Pin No.
Pin Name
Description
1
GND
Ground
2
GND
Ground
3
RF1
RF Port 1
4
GND
Ground
5
GT1
RF Ground
6
GI1
RF Ground
7
GND
Ground
8
RFC
RF Common Port
9
GND
Ground
10
GI2
RF Ground
11
GT2
RF Ground
12
GND
Ground
13
RF2
RF Port 2
14
GND
Ground
15
GND
Ground
16
G2
RF Ground
17
V1
Control 1
18
V2
Control 2
19
V1
Control 1
20
G1
RF Ground
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0103

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
Tyco Electronics
MASWSS0103SMB MACOM-MASWSS0103SMB Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASWSS0103SMB MA-COM-MASWSS0103SMB Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103SMB MA-COM-MASWSS0103SMB Datasheet
707Kb / 5P
SPDT High Isolation CATV Switch
More results

Similar Description - MASWSS0103

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-009101 MA-COM-MASW-009101 Datasheet
236Kb / 7P
SPDT Default On High Isolation CATV Switch
MASW-008801 MA-COM-MASW-008801_15 Datasheet
165Kb / 5P
SPDT High Isolation CATV and Satellite Communications Switch
MASW_009101 MA-COM-MASW_009101_15 Datasheet
747Kb / 8P
SPDT Default On High Isolation CATV Switch
MASWSS0103 MA-COM-MASWSS0103_15 Datasheet
707Kb / 5P
SPDT High Isolation CATV Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com