Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0103 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0103
Description  SPDT High Isolation CATV Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0103 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0103 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0103 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0103 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0103 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SPDT High Isolation CATV Switch
5 - 1000 MHz
Rev. V1
MASWSS0103
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Absolute Maximum
Input Power
(5 - 1000 MHz, 2.9 V Control)
+32 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
3,4
3. Exceeding any one or combination of these limits may cause
permanent damage.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. 1 = +2.9 to +5 V, 0 = 0 + 0.2 V.
Truth Table
5
V1
V2
RFC - RF1
RFC - RF2
1
0
On
Off
0
1
Off
On
Electrical Specifications: TA = 25°C, Z0 = 75
Ω2, V
C = 0 V / 2.9 V, PIN = 10 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5 - 50 MHz
50 - 1000 MHz
dB
dB
0.75
1.0
1.2
Isolation
5 - 50 MHz
50 - 1000 MHz
dB
dB
60
100
63
Return Loss (On)
5 - 50 MHz
50 - 1000 MHz
dB
dB
28
16
IP3
Two Tone, +15 dBm/tone, 6 MHz spacing, > 50 MHz
VC = 0 V / 2.9 V
VC = 0 V / 5.0 V
dBm
dBm
47
52
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
8
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
nS
18
Transients
In Band
mV
70
Control Current
|VC| = 2.9 V
µA
5
10
Return Loss (Off)
5 - 50 MHz
50 - 1000 MHz
dB
dB
26
16
Application Schematic
G1
GND
V1
RF1
GND
GT1
GI1
GND
RFC
GND
GI2
GT2
GND
RF2
GND
V1
G2
GND
V2
GND
GND
GND
GND
GND
C1
C2
C3
C5
C6
C4
C9
C8
C7
C10
C11
G1
GND
V1
RF1
GND
GT1
GI1
GND
RFC
GND
GI2
GT2
GND
RF2
GND
V1
G2
GND
V2
GND
GND
GND
GND
GND
C1
C2
C3
C5
C6
C4
C9
C8
C7
C10
C11
C1 - C9 = 0.01 µF, RF Bypass Capacitors
C10 - C11 = 0.01 µF, Logic Control Decoupling Capacitors
2. External 0.01 µF DC blocking capacitors are required on all RF In/Out and RF ground ports. See Application Schematic.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com