Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0121 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0121
Description  SPDT High Isolation Terminated Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0121 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0121 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0121 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0121 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SPDT High Isolation Terminated Switch
0.5 - 3.0 GHz
Rev. V3
MASWSS0121
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Positive Voltage Control (0 / +5 V)
• High Isolation: 54 dB @ 0.9 GHz
52 dB @ 1.9 GHz
• 50-Ohm Internal Terminations
• Low Insertion Loss: 0.6 dB @ 0.9 GHz
0.7 dB @ 1.9 GHz
• Lead-Free Package: 4 mm 16-Lead PQFN
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-475
Description
The M/A-COM MASWSS0121 GaAs monolithic
switch provides high isolation in a low-cost, lead-free
plastic surface mount package. The MASWSS0121
is ideal for applications across a broad range of
frequencies
including
synthesizer
switching,
transmit / receive switching, switch matrices and
filter banks in systems such as radio and cellular
equipment, PCS, GPS, and fiber optic modules.
M/A-COM fabricates the MASWSS0121 using a 1.0-
micron gate length MESFET process. The process
features full chip passivation for performance and
reliability.
1. Reference Application Note M513 for reel size information.
Ordering Information
1
Part Number
Package
MASWSS0121
Bulk Packaging
MASWSS0121TR
1000 piece reel
MASWSS0121TR-3000
3000 piece reel
MASWSS0121SMB
Sample board
Pin
Function
Description
1
RF2
RF port
2
GND
RF ground
3
GND
RF ground
4
V1
Control 1
5
V2
Control 2
6
GND
RF ground
7
RFC
RF port
8
GND
RF ground
9
GND
RF ground
10
GND
RF ground
11
GND
RF ground
12
RF1
RF port
13
GND
RF ground
14
GND
RF ground
15
GND
RF ground
16
GND
RF ground
17 (pad) 2
GND
RF ground
PIN Configuration
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Functional Schematic
RF2
RF1
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
V1
V2
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0121

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
587Kb / 4P
SPDT High Isolation Terminated Switch
logo
Tyco Electronics
MASWSS0121SMB MACOM-MASWSS0121SMB Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121SMB MA-COM-MASWSS0121SMB Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
More results

Similar Description - MASWSS0121

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
MASW-008543_V2 MA-COM-MASW-008543_V2 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0024_V7 MA-COM-MASWSS0024_V7 Datasheet
170Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0178_V4 MA-COM-MASWSS0178_V4 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543 Datasheet
698Kb / 5P
SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543_15 Datasheet
698Kb / 5P
SPDT High Isolation Terminated Switch
MASWSS0121 MA-COM-MASWSS0121_15 Datasheet
587Kb / 4P
SPDT High Isolation Terminated Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com