Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0157 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0157
Description  GaAs SPDT Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0157 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0157 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Switch
DC - 2.5 GHz
MASWSS0157
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V4
Electrical Specifications: TA = 25°C, Vc = 0 V / -5 V, Z0 = 50 Ω
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
—
—
—
—
0.4
0.4
0.5
0.6
—
—
0.8
—
Isolation
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
—
—
30
—
56
43
33
24
—
—
—
—
VSWR
DC - 2.0 GHz
Ratio
—
1.4:1
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
2
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
ns
—
4
—
Transients
In-Band
mV
—
15
—
1 dB Compression Point
Input Power, 0.05 GHz
Input Power, 0.5 - 2.0 GHz
dBm
—
—
21
27
—
—
2nd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +6 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
—
—
55
68
—
—
3rd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +6 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
—
—
40
45
—
—
Control Current
½Vc½ = 5 V
µA
—
20
25
2. For positive voltage control, external DC blocking capacitors are required on all RF ports as well as the Ground ports which should be
pulled up to the positive voltage control level. (Refer to Application Note M521 - "Positive Voltage Control of GaAs MMIC Control Devices").
Truth Table 5
Control Inputs
Condition of Switch
RF Common to each RF Port
A
B
RF1
RF2
1
0
On
Off
0
1
Off
On
5. 0 = 0 V to -0.2 V, 1 = -5 V to -8 V
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < Vc < +5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com