Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0157 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0157
Description  GaAs SPDT Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0157 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0157 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
DC - 2.5 GHz
MASWSS0157
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V4
Features
 Very Low DC Power Consumption: 100 µW
 Low Insertion Loss: 0.5 dB
 High Isolation: 25 dB up to 2 GHz
 Very High Intercept Point: 45 dBm IP
3
 Nanosecond Switching Speed
 Lead-Free SOIC-8 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of the SW-239
Description
The MASWSS0157 is a GaAs MMIC SPDT switch in
a lead-free SOIC 8-lead surface mount plastic
package. This device is ideally suited for use where
low power consumption is required.
Typical
applications
include
transmit/receive
switching, switch matrices and switched filter banks
in systems such as radio and cellular equipment,
PCM, GPS, fiber optic modules, and other battery
powered radio equipment.
The MASWSS0157 is fabricated using a monolithic
GaAs MMIC using a mature 1 micron process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information 1
Part Number
Package
MASWSS0157
Bulk Packaging
MASWSS0157TR
1000 piece reel
MASWSS0157TR-3000
3000 piece reel
MASWSS0157SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No.
Function
1
RF Common
2
Ground
3
RF Port 1
4
Control A
5
Control B
6
RF Port 2
7
Ground
8
Ground
Functional Schematic
GND
GND
RF2
B
RFC
GND
RF1
A
Pin 1
Pin 8
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0157

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0157 MACOM-MASWSS0157 Datasheet
167Kb / 3P
GaAs SPDT Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
69Kb / 3P
GaAs SPDT Switch DC - 2.5 GHz
MASWSS0157 MA-COM-MASWSS0157 Datasheet
615Kb / 5P
GaAs SPDT Switch
logo
Tyco Electronics
MASWSS0157SMB MACOM-MASWSS0157SMB Datasheet
167Kb / 3P
GaAs SPDT Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0157SMB MA-COM-MASWSS0157SMB Datasheet
69Kb / 3P
GaAs SPDT Switch DC - 2.5 GHz
More results

Similar Description - MASWSS0157

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS305 HW-HWS305 Datasheet
122Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443 HW-HWS443 Datasheet
71Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com