Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0191 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0191
Description  GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0191 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0191 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0191 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0191 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SP3T 2.6 V CDMA-GPS Switch
0.5 - 3.0 GHz
Rev. V1
MASWSS0191
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Optimized RF Paths
• Low Cross Modulation
• Low Insertion Loss: 0.7 dB at 820 MHz (Cell)
• High Isolation: 21.5 dB at 1.9 GHz (PCS)
• 0.5 micron GaAs PHEMT Process
• Lead-Free 2 mm 8-lead STDFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0191 is an industry leading
GaAs PHEMT MMIC single pole three throw (SP3T)
CDMA-GPS switch in a 2 mm 8-lead STDFN
package.
The MASWSS0191 is uniquely configured to enable
switching from a common antenna port to CDMA
cellular, CDMA PCS, or GPS ports. The design is
asymmetric and has been fully optimized for
excellent cross modulation performance in CELL
and PCS paths while still maintaining excellent
insertion loss and isolation.
The MASWSS0191 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
2.
The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Pin No.
Pin Name
Description
1
N/C
No Connection
2
V3
Control 3
3
ANT
Antenna Port
4
V1
Control 1
5
GPS
GPS Receive
6
PCS
PCS Transmit/Receive
7
V2
Control 2
8
CELL
Cellular Transmit/Receive
9
GND (paddle)
2
RF & DC Ground
Ordering Information
1
Part Number
Package
MASWSS0191TR-3000
3000 Piece Reel
MASWSS0191SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Parameter
Absolute Maximum
Input Power
(0.5 - 3.0 GHz, 2.6 V Control)
+35 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
3,4
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
Functional Block Diagram


Similar Part No. - MASWSS0191

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0191 MACOM-MASWSS0191 Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0191SMB MACOM-MASWSS0191SMB Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0191SMB MA-COM-MASWSS0191SMB Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0191SMB MA-COM-MASWSS0191SMB Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch
More results

Similar Description - MASWSS0191

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0191 MACOM-MASWSS0191 Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0199 MACOM-MASWSS0199 Datasheet
198Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0065 MA-COM-MASWSS0065 Datasheet
81Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0191 MA-COM-MASWSS0191_09 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch
MASWSS0199 MA-COM-MASWSS0199_15 Datasheet
610Kb / 5P
GaAs SP3T 2.6 V CDMA-GPS Switch
MASWSS0144 MA-COM-MASWSS0144_15 Datasheet
538Kb / 5P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com