Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0200 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0200
Description  GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0200 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SP3T 2.7 V CDMA-GPS Switch
DC - 2.5 GHz
Rev. V1
MASWSS0200
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Balanced (symmetrical) RF Ports
• Low Cross Modulation
• Low Insertion Loss: 0.55 dB at 1 GHz
• High Isolation: 21 dB at 2 GHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0060
Description
M/A-COM’s MASWSS0200 is an industry leading
GaAs PHEMT MMIC single pole three throw (SP3T)
CDMA-GPS switch in a lead-free 3 mm 12-lead
PQFN package.
The MASWSS0200 is uniquely
configured to enable switching from a common
antenna port to CDMA cellular, CDMA PCS, or GPS
ports.
The design is symmetric and has been fully
optimized
for
excellent
cross
modulation
performance in all three paths while still maintaining
excellent insertion loss and isolation.
Note that
since the design is symmetric, the user can assign
CDMA cellular, CDMA PCS and GPS to ports RF1,
RF2 or RF3 at his or her discretion.
The MASWSS0200 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Pin Configuration
Pin No.
Function
Description
1
V1
Control 1
2
RF1
RF Port 1
3
GND
Ground
4
GND
Ground
5
RF2
RF Port 2
6
V2
Control 2
7
GND
RF Ground
8
RF3
RF Port 3
9
V3
Control 3
10
GND
RF Ground
11
ANT
Antenna Port
12
GND
RF Ground
13
GND (paddle)
RF Ground
Functional Schematic
100 pF
100 pF
GND
RF3
V3
V1
RF1
GND
Pin 1
Pin 12
Ordering Information
Part Number
Package
MASWSS0200TR-3000
3000 piece reel
MASWSS0200SMB
Sample on Evaluation Board
Note: Reference Application Note M513 for reel size
information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0200 MACOM-MASWSS0200 Datasheet
187Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0200SMB MACOM-MASWSS0200SMB Datasheet
187Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0200SMB MA-COM-MASWSS0200SMB Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200SMB MA-COM-MASWSS0200SMB Datasheet
619Kb / 4P
GaAs SP3T 2.7 V CDMA-GPS Switch
More results

Similar Description - MASWSS0200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0060 MACOM-MASWSS0060 Datasheet
184Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0199 MACOM-MASWSS0199 Datasheet
198Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MACOM-MASWSS0200 Datasheet
187Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0060 MA-COM-MASWSS0060 Datasheet
77Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0065 MA-COM-MASWSS0065 Datasheet
81Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200_15 Datasheet
619Kb / 4P
GaAs SP3T 2.7 V CDMA-GPS Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com