Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0200 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0200
Description  GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0200 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SP3T 2.7 V CDMA-GPS Switch
DC - 2.5 GHz
Rev. V1
MASWSS0200
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
1
1. External DC blocking capacitors are required on all RF ports.
2. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 100 pF for 0.5 - 2.5 GHz.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
2
(All Paths)
1.0 GHz
1.5 GHz
2.0 GHz
dB
dB
dB
0.55
0.60
0.70
0.70
0.75
0.90
Isolation
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 2.5 GHz
dB
dB
dB
23
18
16
27
21
20
Return Loss
(All RF ports)
DC - 2.5 GHz
dB
20
IP3
Two Tone, +22 dBm/tone, 1 MHz Spacing, 820 MHz
Two Tone, +22 dBm/tone, 1 MHz Spacing, 1880 MHz
dBm
dBm
62
61
Cross Modulation
For Cell Band: Two-tone signal input:
Tx1 = +22 dBm @ 820 MHz, Tx2 = +22 dBm @ 821 MHz,
RX interfere = -23 dBm @ 869 MHz
dBm
-101
For PCS Band: Two-tone signal input:
Tx1 = +18 dBm @ 1880 MHz, Tx2 = +18 dBm @ 1881 MHz,
RX interfere = -23 dBm @ 1960 MHz
dBm
-102
P.1dB
Vc = 0 V / 2.7 V, 1 GHz
dBm
36
Trise, Tfall
10% to 90% RF, 90% to 10% RF, 900 MHz
µS
0.06
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF, 900 MHz
µS
0.09
Transients
In Band
mV
70
Control Current
Vc = 0 V / 2.7 V
µA
30
Truth Table 5,6
V1
V2
V3
ANT-RF1 ANT-RF2 ANT-RF3
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
5.
Differential voltage, V (state 1) -V (state 0) must be 2.6 V
minimum and must not exceed 8.5 V.
6.
0 = -5 V to 2.4 V, 1 = -2.4 V to 5 V.
Parameter
Absolute Maximum
Input Power
(0.5 - 2.5 GHz, 2.7 V Control)
+36 dBm
Control Voltage
±8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings 3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com