Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX823LEUK Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MAX823LEUK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX823LEUK Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MAX823LEUK Datasheet HTML 4Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 5Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 6Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 7Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 8Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 9Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 10Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 11Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel, Inc.
MAX823/4/5
January 14, 2014
8
Revision 1.0
Typical Characteristics
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Supply Current
vs. Input Voltage
MAX823W
MAX824L
MAX825S
/MR = Open
WDI = Open
0
1
2
3
4
5
6
7
-40
-20
0
20
40
60
80
100
120
TEMPERATURE ( C)
Supply Current
vs. Temperature
MAX824L, V
CC = 5.5V
MAX823W, V
CC = 2V
MAX825S, V
CC = 3.25V
/MR = OPEN
WDI = OPEN
0
50
100
150
200
250
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RESET Timeout Period
vs. Temperature
/MR = OPEN
WDI = OPEN
0
100
200
300
400
500
600
700
800
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (°C)
/MR to RESET Delay
vs. Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Watchdog Timeout Period vs.
Temperature
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Normalized Reset Threshold
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com