Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX823LEUK Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MAX823LEUK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX823LEUK Datasheet(HTML) 4 Page - Micrel Semiconductor

  MAX823LEUK Datasheet HTML 1Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 2Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 3Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 4Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 5Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 6Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 7Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 8Page - Micrel Semiconductor MAX823LEUK Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MAX823/4/5
January 14, 2014
4
Revision 1.0
Pin Configuration
MAX823
SOT23(EUK) &SC70(EXK)
Top View
MAX824
SOT23(EUK) &SC70(EXK)
Top View
MAX825
SOT23(EUK) &SC70(EXK)
Top View
Pin Description
Pin Number
MAX823
Pin Number
MAX824
Pin Number
MAX825
Pin Name
Pin Function
1
1
1
/RESET
Active-Low Reset Output. Pulses low for 200ms when triggered, and
remains low whenever VCC is below the reset threshold or when /MR is
a logic low. It remains low for 200ms after one of the following occurs:
VCC rises above the reset threshold, the watchdog triggers a reset, or
/MR goes low to high.
2
2
2
GND
Ground.
-
3
3
RESET
Active-High Reset Output. Pulses high for 200ms when triggered, and
remains high whenever VCC is below the reset threshold or when /MR
is a logic low. It remains high for 200ms after one of the following
occurs: VCC rises above the reset threshold, the watchdog triggers a
reset, or /MR goes low to high. RESET is the inverse of /RESET.
4
4
-
WDI
Watchdog Input. If WDI remains either high or low for longer than the
watchdog timeout period, the internal watchdog timer runs out and a
reset is triggered. The internal watchdog timer clears whenever reset
is asserted, or whenever WDI sees a rising or falling edge. If WDI is
left unconnected or is connected to a three-stated buffer output, the
watchdog feature is disabled.
3
-
4
/MR
Manual Reset Input. A logic low on /MR asserts reset. Reset remains
asserted as long as /MR is held low and for 200ms after /MR returns
high. The active-low input has an internal 52k
Ω pull-up resistor. It can
be driven from a CMOS logic line or shorted to ground with a switch.
Leave open or connect to VCC if unused.
5
5
5
VCC
Supply Voltage Pin. VCC is the input to the supply voltage monitor.
When the supply voltage falls below the reset threshold voltage, reset
outputs (/RESET and RESET) are triggered immediately. When the
supply voltage rises above the reset threshold plus hysteresis voltage,
the reset outputs remain asserted for the duration of the reset timeout
period. An optional 0.1µF bypass capacitor mounted close to VCC
provides additional transient immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com