Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2001C Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2001C
Description  Low Power, 70 MHz Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2001C Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2001C Datasheet HTML 4Page - Elantec Semiconductor EL2001C Datasheet HTML 5Page - Elantec Semiconductor EL2001C Datasheet HTML 6Page - Elantec Semiconductor EL2001C Datasheet HTML 7Page - Elantec Semiconductor EL2001C Datasheet HTML 8Page - Elantec Semiconductor EL2001C Datasheet HTML 9Page - Elantec Semiconductor EL2001C Datasheet HTML 10Page - Elantec Semiconductor EL2001C Datasheet HTML 11Page - Elantec Semiconductor EL2001C Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EL2001C
Low Power 70 MHz Buffer Amplifier
EL2001C Macromodel
Connections
a
input
l
a
Vsupply
ll
b
Vsupply
lll
output
llll
subckt M2001 2
1
4
7
Input Stage
el 100201 0
r1 10 0 1K
rh 10 11 150
ch 11 0 9pF
rc 11 12 100
cc 12 0 4pF
e2 13 0 12 0 10
Output stage
q141314qp
q211315qn
q311416qn
q441519qp
r2 16 7 1
r3 19 7 1
i1 1 14 09mA
i2 15 4 09mA
Bias Current
iina 2 0 1uA
Models
model qn npn(ise5eb15 bfe150 rbe200 ptfe45 tfe01nS)
model qp pnp(ise5eb15 bfe150 rbe200 ptfe45 tfe01nS)
ends
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com