Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2001C Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2001C
Description  Low Power, 70 MHz Buffer Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2001C Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2001C Datasheet HTML 1Page - Elantec Semiconductor EL2001C Datasheet HTML 2Page - Elantec Semiconductor EL2001C Datasheet HTML 3Page - Elantec Semiconductor EL2001C Datasheet HTML 4Page - Elantec Semiconductor EL2001C Datasheet HTML 5Page - Elantec Semiconductor EL2001C Datasheet HTML 6Page - Elantec Semiconductor EL2001C Datasheet HTML 7Page - Elantec Semiconductor EL2001C Datasheet HTML 8Page - Elantec Semiconductor EL2001C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL2001C
Low Power 70 MHz Buffer Amplifier
Absolute Maximum Ratings
VS
Supply Voltage (Vab Vb)
g
18V or 36V
VIN
Input Voltage (Note 1)
g
15V or VS
IIN
Input Current (Note 1)
g
50 mA
PD
Power Dissipation (Note 2)
See Curves
Output Short Circuit
Duration (Note 3)
Continuous
TA
Operating Temperature Range
EL2001ACEL2001C
0 Cto a75 C
TJ
Operating Junction Temperature
150 C
TST
Storage Temperature
b
65 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
Electrical Characteristics V
S
e g
15V RS e 50X unless otherwise specified
Test Conditions
Limits
EL2001AC
Parameter
Description
EL2001C
Units
VIN
Load
Temp
Min
Typ
Max
Test
Level
VOS
Offset Voltage
0
%
25 C
b
10
2
I
I
mV
EL2001AEL2001AC
TMIN TMAX
b
15
a
15
III
mV
EL2001EL2001C
0
%
25 C
b
30
2
a
30
I
mV
TMIN TMAX
b
40
a
40
III
mV
IIN
Input Current
0
%
25 C
b
31
a
3I
mA
EL2001AEL2001AC
TMIN TMAX
b
6
a
6
III
mA
EL2001EL2001C
0
%
25 C
b
51
a
5I
mA
TMIN TMAX
b
10
a
10
III
mA
RIN
Input Resistance
g
12V
100
X
25
18
I
M
X
TMIN TMAX
05
III
M
X
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com