Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5282 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC5282
Description  Ultra-Low IQ, High-PSRR Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5282 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC5282 Datasheet HTML 9Page - Micrel Semiconductor MIC5282 Datasheet HTML 10Page - Micrel Semiconductor MIC5282 Datasheet HTML 11Page - Micrel Semiconductor MIC5282 Datasheet HTML 12Page - Micrel Semiconductor MIC5282 Datasheet HTML 13Page - Micrel Semiconductor MIC5282 Datasheet HTML 14Page - Micrel Semiconductor MIC5282 Datasheet HTML 15Page - Micrel Semiconductor MIC5282 Datasheet HTML 16Page - Micrel Semiconductor MIC5282 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Micrel, Inc.
MIC5282
February 12, 2014
13
Revision 1.1
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
C5750X7R2E105M
TDK
(1)
1.0µF, 250V, 20%, X7R capacitor (2220)
1
C2
08053C104KAT2A
AVX
(2)
0.1µF 25V 20%, X7R capacitor (0805)
1
C3
0805ZD106KAT2A
AVX
10µF, 10V, 20%, X5R, capacitor (0805)
1
C4
OPEN
Panasonic
(3)
100µF, 160V, 20% capacitor (ALU, 0.492" diameter can 0.197" lead
spacing - Part # ECA-2CM101)
0
C5
OPEN
ANY
Capacitor
0
R1
CRCW06030000F
Vishay/Dale
(4)
0
Ω, 1% resistor, 0603
1
R2
CRCW06032942F
Vishay/Dale
29.4k
Ω, 1% resistor, 0603
1
R3
CRCW06031002F
Vishay/Dale
10.0k
Ω, 1% resistor, 0603
1
R4
CRCW06031822F
Vishay/Dale
18.2k
Ω, 1%, resistor, 0603
1
R5
CRCW06033012F
Vishay/Dale
30.1k
Ω, 1% resistor chip, 0603
1
R6
CRCW06036982F
Vishay/Dale
69.8k
Ω, 1%, resistor, 0603
1
U1
MIC5282YMME
Micrel
(5)
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
1
Notes:
1. TDK: www.tdk.com.
2. AVX: www.avx.com.
3. Panasonic: www.panasonic.com.
4. Vishay Tel: www.vishay.com.
5. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com