Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5282 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5282
Description  Ultra-Low IQ, High-PSRR Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5282 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5282 Datasheet HTML 1Page - Micrel Semiconductor MIC5282 Datasheet HTML 2Page - Micrel Semiconductor MIC5282 Datasheet HTML 3Page - Micrel Semiconductor MIC5282 Datasheet HTML 4Page - Micrel Semiconductor MIC5282 Datasheet HTML 5Page - Micrel Semiconductor MIC5282 Datasheet HTML 6Page - Micrel Semiconductor MIC5282 Datasheet HTML 7Page - Micrel Semiconductor MIC5282 Datasheet HTML 8Page - Micrel Semiconductor MIC5282 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Micrel, Inc.
MIC5282
February 12, 2014
2
Revision 1.1
Ordering Information
Part Number
Output Voltage
Top Mark
Temperature Range
Package
Lead Finish
MIC5282YMME
Adjustable
A882
–40
°C to +125°C
8-Pin ePad MSOP
Pb-Free
MIC5282-3.3YMME
3.3V
882S
–40
°C to +125°C
8-Pin ePad MSOP
Pb-Free
MIC5282-5.0YMME
5.0V
5882
–40
°C to +125°C
8-Pin ePad MSOP
Pb-Free
MIC5282YMM
Adjustable
−
–40
°C to +125°C
8-Pin MSOP
Pb-Free
MIC5282-3.3YMM
3.3V
−
–40
°C to +125°C
8-Pin MSOP
Pb-Free
MIC5282-5.0YMM
5.0V
−
–40
°C to +125°C
8-Pin MSOP
Pb-Free
Pin Configuration
8-Pin ePAD MSOP
MIC5282-x.xYMME
(TOP VIEW)
8-Pin MSOP
MIC5282-x.xYMM
(TOP VIEW)
8-Pin ePAD MSOP
MIC5282YMME
(TOP VIEW)
8-Pin MSOP
MIC5282YMM
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com