Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5501
Description  Single 300mA LDO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5501 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5501 Datasheet HTML 1Page - Micrel Semiconductor MIC5501 Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Micrel, Inc.
MIC5501/2/3/4
January 14, 2013
2
Revision 2.0
Absolute Maximum Ratings
Supply Voltage (VIN) .......................................... –0.3V to 6V
Enable Voltage (VEN)......................................... –0.3V to VIN
Power Dissipation (PD) ..............................Internally Limited
Lead Temperature (soldering, 10sec) ........................ 260°C
Junction Temperature (TJ) ........................–40°C to +150°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating..................................................................... 3kV
Operating Ratings
Supply Voltage (VIN)......................................... 2.5V to 5.5V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
1x1 Thin DFN-4 (
θ
JA) ....................................... 250°C/W
Ordering Information
Part Number
Marking
Code
Output
Voltage
(1)
Auto-Discharge
EN
Pull-Down
Temperature
Range
MIC5501-3.3YMT
(2)
VS
3.3V
NO
NO
–40°C to +125°C
MIC5501-3.0YMT
VP
3.0V
NO
NO
–40°C to +125°C
MIC5501-2.8YMT
(2)
VM
2.8V
NO
NO
–40°C to +125°C
MIC5501-1.8YMT
(2)
VG
1.8V
NO
NO
–40°C to +125°C
MIC5501-1.2YMT
(2)
V4
1.2V
NO
NO
–40°C to +125°C
MIC5502-3.3YMT
(2)
XS
3.3V
YES
NO
–40°C to +125°C
MIC5502-3.0YMT
(2)
XP
3.0V
YES
NO
–40°C to +125°C
MIC5502-2.8YMT
XM
2.8V
YES
NO
–40°C to +125°C
MIC5502-1.8YMT
(2)
XG
1.8V
YES
NO
–40°C to +125°C
MIC5502-1.2YMT
(2)
X4
1.2V
YES
NO
–40°C to +125°C
MIC5503-3.3YMT
(2)
SV
3.3V
NO
YES
–40°C to +125°C
MIC5503-3.0YMT
(2)
ZV
3.0V
NO
YES
–40°C to +125°C
MIC5503-2.8YMT
(2)
MV
2.8V
NO
YES
–40°C to +125°C
MIC5503-1.8YMT
YV
1.8V
NO
YES
–40°C to +125°C
MIC5503-1.2YMT
(2)
XV
1.2V
NO
YES
–40°C to +125°C
MIC5504-3.3YMT
SX
3.3V
YES
YES
–40°C to +125°C
MIC5504-3.1YMT
TX
3.1V
YES
YES
–40°C to +125°C
MIC5504-3.0YMT
PX
3.0V
YES
YES
–40°C to +125°C
MIC5504-2.8YMT
MX
2.8V
YES
YES
–40°C to +125°C
MIC5504-1.8YMT
GX
1.8V
YES
YES
–40°C to +125°C
MIC5504-1.2YMT
ZX
1.2V
YES
YES
–40°C to +125°C
Notes:
1.
Other voltages are available. Contact Micrel for details.
2.
Contact Micrel Marketing for availability.
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This
information is not intended as a warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry,
specifications and descriptions at any time without notice. No license, whether express, implied, arising by estoppel or otherwise, to any intellectual
property rights is granted by this document. Except as provided in Micrel’s terms and conditions of sale for such products, Micrel assumes no liability
whatsoever, and Micrel disclaims any express or implied warranty relating to the sale and/or use of Micrel products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right.
© 2012 Micrel, Incorporated.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com