Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet (PDF) - Micrel Semiconductor

MIC5501 Datasheet PDF - Micrel Semiconductor
Part # MIC5501
Download  MIC5501 Download
File Size   65.27 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single 300mA LDO

MIC5501 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5501 Datasheet PDF - Micrel Semiconductor

Part # MIC5501
Download  MIC5501 Click to download

File Size   65.27 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single 300mA LDO

MIC5501 Datasheet (HTML) - Micrel Semiconductor


MIC5501 Product details

General Description
The MIC5501/2/3/4 is an advanced general-purpose LDO ideal for powering general-purpose portable devices. The MIC5501/2/3/4 family of products provides a high performance 300mA LDO in an ultra-small 1mm × 1mm package. The MIC5502 and MIC5504 LDOs include an auto-discharge feature on the output that is activated when the enable pin is low. The MIC5503 and MIC5504 have an internal pull-down resistor on the enable pin that disables the output when the enable pin is left floating. This is ideal for applications where the control signal is floating during processor boot up.

Features
• Input voltage range: 2.5V to 5.5V
• Fixed output voltages from 1.0V to 3.3V
• 300mA guaranteed output current
• High output accuracy (±2%)
• Low quiescent current: 38µA
• Stable with 1µF ceramic output capacitors
• Low dropout voltage: 160mV @ 300mA
• Output discharge circuit: MIC5502, MIC5504
• Internal enable pull-down: MIC5503, MIC5504
• Thermal-shutdown and current-limit protection
• 4-lead 1.0mm × 1.0mm Thin DFN package
• MIC5504 5-pin SOT23 package

Applications
• Smartphones
• DSC, GPS, PMP, and PDAs
• Medical devices
• Portable electronics
• 5V systems




Similar Part No. - MIC5501

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5501 MICROCHIP-MIC5501 Datasheet
1Mb / 22P
300 mA Single Output LDO in Small Packages
05/14/19
MIC5501 MICROCHIP-MIC5501 Datasheet
881Kb / 15P
Single 300mA LDO in 1.0mm × 1.0mm DFN Package
April 20, 2015
MIC5501-1.2YMT MICROCHIP-MIC5501-1.2YMT Datasheet
881Kb / 15P
Single 300mA LDO in 1.0mm × 1.0mm DFN Package
April 20, 2015
MIC5501-1.8YMT MICROCHIP-MIC5501-1.8YMT Datasheet
881Kb / 15P
Single 300mA LDO in 1.0mm × 1.0mm DFN Package
April 20, 2015
MIC5501-1.8YMT-T5 MICROCHIP-MIC5501-1.8YMT-T5 Datasheet
1Mb / 22P
300 mA Single Output LDO in Small Packages
05/14/19
More results


Similar Description - MIC5501

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8801 AME-AME8801 Datasheet
114Kb / 14P
300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
300mA CMOS LDO
2002
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
300mA CMOS LDO
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
logo
Micrel Semiconductor
MIC5512 MICREL-MIC5512 Datasheet
736Kb / 12P
Single 300mA LDO
logo
Mitsumi Electronics, Co...
MM3571 MITSUMI-MM3571 Datasheet
259Kb / 22P
300mA LDO
MM189X MITSUMI-MM189X Datasheet
124Kb / 11P
300mA LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com