Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet (PDF) - Microchip Technology

MIC5501 Datasheet PDF - Microchip Technology
Part # MIC5501
Download  MIC5501 Download
File Size   881.98 Kbytes
Page   15 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single 300mA LDO in 1.0mm × 1.0mm DFN Package

MIC5501 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5501 Datasheet PDF - Microchip Technology

Part # MIC5501
Download  MIC5501 Click to download

File Size   881.98 Kbytes
Page   15 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single 300mA LDO in 1.0mm × 1.0mm DFN Package

MIC5501 Datasheet (HTML) - Microchip Technology


MIC5501 Product details

Features
• Input voltage range: 2.5V to 5.5V
• Fixed output voltages from 1.0V to 3.3V
• 300mA guaranteed output current
• High output accuracy (±2%)
• Low quiescent current: 38µA
• Stable with 1µF ceramic output capacitors
• Low dropout voltage: 160mV @ 300mA
• Output discharge circuit: MIC5502, MIC5504
• Internal enable pull-down: MIC5503, MIC5504
• Thermal-shutdown and current-limit protection
• 4-lead 1.0mm × 1.0mm Thin DFN package
• MIC5504 5-pin SOT23 package

Applications
• Smartphones
• DSC, GPS, PMP, and PDAs
• Medical devices
• Portable electronics
• 5V systems




Similar Part No. - MIC5501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5501 MICREL-MIC5501 Datasheet
65Kb / 2P
Single 300mA LDO
logo
Microchip Technology
MIC5501 MICROCHIP-MIC5501 Datasheet
1Mb / 22P
300 mA Single Output LDO in Small Packages
05/14/19
logo
Micrel Semiconductor
MIC5501-1.2YMT MICREL-MIC5501-1.2YMT Datasheet
65Kb / 2P
Single 300mA LDO
MIC5501-1.8YMT MICREL-MIC5501-1.8YMT Datasheet
65Kb / 2P
Single 300mA LDO
logo
Microchip Technology
MIC5501-1.8YMT-T5 MICROCHIP-MIC5501-1.8YMT-T5 Datasheet
1Mb / 22P
300 mA Single Output LDO in Small Packages
05/14/19
More results


Similar Description - MIC5501

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T Datasheet
123Kb / 10P
1206 Package Chip LED (1.0mm Height)
15-21-B6C-YR1S2B2-2T EVERLIGHT-15-21-B6C-YR1S2B2-2T Datasheet
221Kb / 10P
1206 Package Chip LED(1.0mm Height)
15-21-GHC-R2S2-2T EVERLIGHT-15-21-GHC-R2S2-2T Datasheet
192Kb / 10P
1206 Package Chip LED (1.0mm Height)
17-21-GPC-AK0M1B-3T EVERLIGHT-17-21-GPC-AK0M1B-3T Datasheet
164Kb / 10P
0805 Package Chip LED (1.0mm Height)
17-21-Y2C-CP2Q2B-3T EVERLIGHT-17-21-Y2C-CP2Q2B-3T Datasheet
155Kb / 10P
0805 Package Chip LED(1.0mm Height)
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T_11 Datasheet
205Kb / 10P
1206 Package Chip LED (1.0mm Height)
17-21-GHC-XS1T2M-3T EVERLIGHT-17-21-GHC-XS1T2M-3T_11 Datasheet
232Kb / 10P
0805 Package Chip LED(1.0mm Height)
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
1.0mm Pitch
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AN1P2-3T TO-GRACE-17-21-BHC-AN1P2-3T Datasheet
1Mb / 10P
0805 Package Chip LED (1.0mm Height)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com