Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC5501
Description  Single 300mA LDO in 1.0mm × 1.0mm DFN Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 2 Page - Microchip Technology

  MIC5501 Datasheet HTML 1Page - Microchip Technology MIC5501 Datasheet HTML 2Page - Microchip Technology MIC5501 Datasheet HTML 3Page - Microchip Technology MIC5501 Datasheet HTML 4Page - Microchip Technology MIC5501 Datasheet HTML 5Page - Microchip Technology MIC5501 Datasheet HTML 6Page - Microchip Technology MIC5501 Datasheet HTML 7Page - Microchip Technology MIC5501 Datasheet HTML 8Page - Microchip Technology MIC5501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC5501/2/3/4
April 20, 2015
2
Revision 2.3
Ordering Information
Part Number
Marking
Code
Output
Voltage
(1)
Auto-
Discharge
EN
Pull-Down
Temperature
Range
Package
(2,3)
MIC5501-3.3YMT
(4)
VS
3.3V
NO
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5501-3.0YMT
VP
3.0V
NO
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5501-2.8YMT
(4)
VM
2.8V
NO
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5501-1.8YMT
VG
1.8V
NO
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5501-1.2YMT
(4)
V4
1.2V
NO
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5501-3.0YM5
VX
3.0V
NO
NO
–40°C to +125°C
5-Pin SOT23
MIC5502-3.3YMT
(4)
XS
3.3V
YES
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5502-3.0YMT
(4)
XP
3.0V
YES
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5502-2.8YMT
XM
2.8V
YES
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5502-1.8YMT
XG
1.8V
YES
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5502-1.2YMT
(4)
X4
1.2V
YES
NO
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5503-3.3YMT
(4)
SV
3.3V
NO
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5503-3.0YMT
(4)
ZV
3.0V
NO
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5503-2.8YMT
(4)
MV
2.8V
NO
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5503-1.8YMT
YV
1.8V
NO
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5503-1.2YMT
(4)
XV
1.2V
NO
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-3.3YMT
SX
3.3V
YES
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-3.1YMT
TX
3.1V
YES
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-3.0YMT
PX
3.0V
YES
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-2.8YMT
MX
2.8V
YES
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-2.5YMT
UX
2.5V
YES
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-2.2YMT
UW
2.2V
YES
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-1.8YMT
GX
1.8V
YES
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-1.2YMT
ZX
1.2V
YES
YES
–40°C to +125°C
4-Pin 1mm x 1mm Thin DFN
MIC5504-3.3YM5
WXS
3.3V
YES
YES
–40°C to +125°C
5-Pin SOT23
MIC5504-2.8YM5
WXM
2.8V
YES
YES
–40°C to +125°C
5-Pin SOT23
MIC5504-2.5YM5
WXJ
2.5V
YES
YES
–40°C to +125°C
5-Pin SOT23
MIC5504-1.8YM5
WXG
1.8V
YES
YES
–40°C to +125°C
5-Pin SOT23
MIC5504-1.2YM5
WX4
1.2V
YES
YES
–40°C to +125°C
5-Pin SOT23
Notes:
1.
Other voltages available. Contact Micrel for details.
2.
Thin DFN
▲ = Pin 1 identifier.
3.
Thin DFN is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
4.
Contact Micrel Marketing for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com