Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5501
Description  Single 300mA LDO in 1.0mm × 1.0mm DFN Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5501 Datasheet HTML 1Page - Microchip Technology MIC5501 Datasheet HTML 2Page - Microchip Technology MIC5501 Datasheet HTML 3Page - Microchip Technology MIC5501 Datasheet HTML 4Page - Microchip Technology MIC5501 Datasheet HTML 5Page - Microchip Technology MIC5501 Datasheet HTML 6Page - Microchip Technology MIC5501 Datasheet HTML 7Page - Microchip Technology MIC5501 Datasheet HTML 8Page - Microchip Technology MIC5501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MIC5501/2/3/4
Single 300mA LDO
in 1.0mm × 1.0mm DFN Package
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 20, 2015
Revision 2.3
General Description
The MIC5501/2/3/4 is an advanced general-purpose LDO
ideal for powering general-purpose portable devices. The
MIC5501/2/3/4
family
of
products
provides
a
high-
performance 300mA LDO in an ultra-small 1mm × 1mm
package. The MIC5502 and MIC5504 LDOs include an
auto-discharge feature on the output that is activated when
the enable pin is low. The MIC5503 and MIC5504 have an
internal pull-down resistor on the enable pin that disables
the output when the enable pin is left floating. This is ideal
for applications where the control signal is floating during
processor boot up.
Ideal for battery-powered applications, the MIC5501/2/3/4
offers 2% initial accuracy, low dropout voltage (160mV at
300mA), and low ground current (typically 38µA). The
MIC5501/2/3/4 can also be put into a zero-off-mode
current state, drawing virtually no current when disabled.
The MIC5501/2/3/4 has an operating junction temperature
range of –40°C to 125°C.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.5V to 5.5V
• Fixed output voltages from 1.0V to 3.3V
• 300mA guaranteed output current
• High output accuracy (±2%)
• Low quiescent current: 38µA
• Stable with 1µF ceramic output capacitors
• Low dropout voltage: 160mV @ 300mA
• Output discharge circuit: MIC5502, MIC5504
• Internal enable pull-down: MIC5503, MIC5504
• Thermal-shutdown and current-limit protection
• 4-lead 1.0mm × 1.0mm Thin DFN package
• MIC5504 5-pin SOT23 package
Applications
• Smartphones
• DSC, GPS, PMP, and PDAs
• Medical devices
• Portable electronics
• 5V systems
___________________________________________________________________________________________________________
Typical Application


Similar Part No. - MIC5501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5501 MICREL-MIC5501 Datasheet
65Kb / 2P
Single 300mA LDO
logo
Microchip Technology
MIC5501 MICROCHIP-MIC5501 Datasheet
1Mb / 22P
300 mA Single Output LDO in Small Packages
05/14/19
logo
Micrel Semiconductor
MIC5501-1.2YMT MICREL-MIC5501-1.2YMT Datasheet
65Kb / 2P
Single 300mA LDO
MIC5501-1.8YMT MICREL-MIC5501-1.8YMT Datasheet
65Kb / 2P
Single 300mA LDO
logo
Microchip Technology
MIC5501-1.8YMT-T5 MICROCHIP-MIC5501-1.8YMT-T5 Datasheet
1Mb / 22P
300 mA Single Output LDO in Small Packages
05/14/19
More results

Similar Description - MIC5501

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T Datasheet
123Kb / 10P
1206 Package Chip LED (1.0mm Height)
15-21-B6C-YR1S2B2-2T EVERLIGHT-15-21-B6C-YR1S2B2-2T Datasheet
221Kb / 10P
1206 Package Chip LED(1.0mm Height)
15-21-GHC-R2S2-2T EVERLIGHT-15-21-GHC-R2S2-2T Datasheet
192Kb / 10P
1206 Package Chip LED (1.0mm Height)
17-21-GPC-AK0M1B-3T EVERLIGHT-17-21-GPC-AK0M1B-3T Datasheet
164Kb / 10P
0805 Package Chip LED (1.0mm Height)
17-21-Y2C-CP2Q2B-3T EVERLIGHT-17-21-Y2C-CP2Q2B-3T Datasheet
155Kb / 10P
0805 Package Chip LED(1.0mm Height)
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T_11 Datasheet
205Kb / 10P
1206 Package Chip LED (1.0mm Height)
17-21-GHC-XS1T2M-3T EVERLIGHT-17-21-GHC-XS1T2M-3T_11 Datasheet
232Kb / 10P
0805 Package Chip LED(1.0mm Height)
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
1.0mm Pitch
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AN1P2-3T TO-GRACE-17-21-BHC-AN1P2-3T Datasheet
1Mb / 10P
0805 Package Chip LED (1.0mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com