Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5501 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5501
Description  Single 300mA LDO in 1.0mm × 1.0mm DFN Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5501 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5501 Datasheet HTML 1Page - Microchip Technology MIC5501 Datasheet HTML 2Page - Microchip Technology MIC5501 Datasheet HTML 3Page - Microchip Technology MIC5501 Datasheet HTML 4Page - Microchip Technology MIC5501 Datasheet HTML 5Page - Microchip Technology MIC5501 Datasheet HTML 6Page - Microchip Technology MIC5501 Datasheet HTML 7Page - Microchip Technology MIC5501 Datasheet HTML 8Page - Microchip Technology MIC5501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MIC5501/2/3/4
April 20, 2015
4
Revision 2.3
Absolute Maximum Ratings
(5)
Supply Voltage (VIN) .......................................... –0.3V to 6V
Enable Voltage (VEN)......................................... –0.3V to VIN
Power Dissipation (PD) ........................... Internally Limited
(7)
Lead Temperature (soldering, 10s)............................ 260°C
Junction Temperature (TJ) ........................–40°C to +150°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(8).................................................................. 3kV
Operating Ratings
(6)
Supply Voltage (VIN)......................................... 2.5V to 5.5V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
1mm × 1mm Thin DFN-4 (
θ
JA) ......................... 250°C/W
5-pin SOT23 (
θ
JA) ............................................ 253°C/W
Electrical Characteristics
(9)
VIN = VEN = VOUT + 1V; CIN = COUT = 1µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Output Voltage Accuracy
Variation from nominal VOUT
–2.0
+2.0
%
Variation from nominal VOUT; –40°C to +125°C
–3.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
%/V
Load Regulation
(10)
IOUT = 100µA to 300mA
8
40
mV
Dropout Voltage
(11)
IOUT = 150mA
IOUT = 300mA
80
160
190
380
mV
mV
Ground Pin Current
(12)
IOUT = 0mA
IOUT = 300mA
38
42
55
65
µA
Ground Pin Current in Shutdown
VEN = 0V
0.05
1
µA
Ripple Rejection
f = 1kHz; COUT = 1µF
60
dB
Current Limit
VOUT = 0V
400
630
900
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
175
µVRMS
Auto-Discharge NFET
Resistance
MIC5502, MIC5504 Only; VEN = 0V; VIN = 3.6V;
IOUT = –3mA
25
Ω
Enable Input
Enable Pull-Down Resistor
For MIC5503 and MIC5504 use only
4
M
Ω
Enable Input Voltage
Logic Low
0.2
V
Logic High
1.2
V
Enable Input Current
MIC5501, MIC5502
VEN = 0V
0.01
1
µA
VEN = 5.5V
0.01
1
µA
Enable Input Current
MIC5503, MIC5504
VEN = 0V
0.01
1
µA
VEN = 5.5V
1.4
2
µA
Turn-On Time
COUT = 1µF; IOUT = 150mA
50
125
µs
Notes:
5.
Exceeding the absolute maximum rating may damage the device.
6.
The device is not guaranteed to function outside its operating rating.
7.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) /
θ
JA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
8.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
9.
Specification for packaged product only.
10. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage due to heating effects are
covered by the thermal regulation specification.
11. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.5V, dropout voltage is the input-to-output differential with the minimum input voltage 2.5V.
12. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com