Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AAYQS Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF219AAYQS
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AAYQS Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF219AAYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 13Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 14Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 15Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 16Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 17Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
14
M9999-071811-A
RadioTech@micrel.com
D8
D7
Set number of consecutive valid
bits before releasing DO
0
0
0 bit - default
0
1
4
1
0
8
1
1
16
or (408) 944-0800
D6
D5
Set slice level
0
1
Slice Level 30%
1
0
Slice Level 40%
1
1
Slice Level 50%
- default
0
0
Slice Level 60%
D4
D3
Demod Bandwidth (at 433.92MHz)
0
0
1625Hz
0
1
3250Hz
1
0
6500Hz
1
1
13000Hz
- default
D0
D1
D2
Desense*
0
X
X
No Desense - default
1
0
0
6dB Desense
1
1
0
16dB Desense
1
0
1
30dB Desense
1
1
1
42dB Desense
* In desense mode, a fixed gain control voltage is applied to the mixer
and variable gain amplifier, and the automatic gain adjustment loop is
disabled.
Programming the device is accomplished by the use of
pins DO and SCLK. Normally, DO (Pin 10) is outputting
data and needs to switch to an input pin made by the
start sequence, as shown at Figure 7.
High at the SCLK pin tri-states the DO pin, enabling the
external drive into the DO pin with an initial low level.
The start sequence is completed by taking SCLK low,
then high while DO is low, followed by taking DO high,
then low while SCLK is high. The serial interface is
initialized and ready to receive the programming data.
SCLK frequency should be greater than 5KHz to avoid
automatic reset from internal circuitry.
Figure 7. Serial Interface Start Sequence
Bits are serially programmed starting with the most
significant bit (MSB = D19) if all bits are being
programmed until the least significant bit (LSB =D0) For
instance, if only the desense bits D0, D1, and D2 are
being programmed, then these are the only bits that
need to be programmed with the start sequence, D2, D1,
D0, plus the stop sequence. Or, if only the squelch bit
D17 is needed, then the sequence must be from start
sequence, D17 through D0 plus the stop sequence,
making sure the other bits (besides D17) are
programmed as needed. It is recommended that all
parallel input pins (SEL0, SEL1, and SQ) be kept high
when using the serial interface. After the programming
bits are finished, a stop sequence (as shown in Figure 8)
is required to end the mode and re-establish the DO pin
as an output again. To do so, the SCLK pin is kept high
while the DO pin changes from low to high, then low
again, followed by the SCLK pin made low. Timing of the
programming bits are not critical, but should be kept as
shown below:
T1 < 0.1 us, Time from SCLK to convert DO to
input pin
T6 > 0.1 us, SCLK high time
T7 > 0.1 us, SCLK low time
T2, T3, T4, T5, T8, T9, T10 > 0.1 us
Figure 8. Serial Interface Stop Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com