Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF219AAYQS Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF219AAYQS
Description  ASK/OOK Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF219AAYQS Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF219AAYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 13Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 14Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 15Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 16Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 17Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 18Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 19Page - Micrel Semiconductor MICRF219AAYQS Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Micrel, Inc.
MICRF219A
July 2011
16
M9999-071811-A
RadioTech@micrel.com
Auto-Poll Programming Example
RF frequency 433.92MHz, bit rate 1kbps, bit width 1ms.
D[19] = 0, AGC fast attack enabled
D[18] = 1, watchdog timer is OFF
D[17] = 0, SQ pin floating, squelch is OFF
D[16] = 0
D[15] = 1, device is placed in autopoll
D[14:12] = 100, sleep time 160ms
D[11:9] = 011, bit check window time 457μs with D[4:3]
= 00
D[8:7] = 10, number of consecutive valid bits is 8
D[6:5] = 11, slice level 50%
D[4:3] = 00, demodulator bandwidth = 1.625kHz
D[2:0] = 000, no desense
Figure 12. Auto-Poll Example
From MSB to LSB, see Table 5:
As noted in the Absolute Maximum Ratings section, the
voltage on SCLK can go up to VDD + 0.3V without
causing damage. But applying VDD + 0.3V to SCLK can
put the part in an unknown test mode. If this accidently
happens, cycle the power supply to restore the part to
normal operation
D19
D18
D17
D16
D15
D14
D13
D12
0
1
0
0
1
1
0
0
D11 D10 D9
D8
D7
D6
D5
0
1
1
1
0
1
1
D4
D3
D2
D1
D0
0
0
0
0
0
Table 5. Auto-Poll example bit sequence.
or (408) 944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com