Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS110AG Datasheet(PDF) 2 Page - Rohm

Part # SCS110AG
Description  SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS110AG Datasheet(HTML) 2 Page - Rohm

  SCS110AG Datasheet HTML 1Page - Rohm SCS110AG Datasheet HTML 2Page - Rohm SCS110AG Datasheet HTML 3Page - Rohm SCS110AG Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
DataSheet
SCS110AG
 
Electrical characteristic curves (Ta=25
C)
0.001
0.01
0.1
1
10
100
0
200
400
600
REVERSE VOLTAGE: VR (V)
Ta= 125℃
Ta= 75℃
Ta=-25℃
Ta= 25℃
Ta= 175℃
1
10
100
1,000
0.01
0.1
1
10
100
1000
REVERSE VOLTAGE : VR [V]
Ta=25℃
f=1MHz
0
2
4
6
8
10
12
14
0.0
0.5
1.0
1.5
2.0
2.5
FORWARD VOLTAGE : VF (V)
Ta= 125℃
Ta= 75℃
Ta=-25℃
Ta= 25℃
pulsed
Ta= 175℃
Fig.2 VF-IF Characteristics
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
FORWARD VOLTAGE : VF (V)
Ta= 125℃
Ta= 75℃
Ta=-25℃
Ta= 25℃
pulsed
Ta= 175℃
Fig.1 VF-IF Characteristics
Fig.3 VR-IR Characteristics
Fig.4 VR-Ct Characteristics
Fig.5 Thermal Resistance vs Pulse Width
Fig.6 Power Dissipation
0
10
20
30
40
50
60
70
80
90
0
25
50
75
100
125
150
175
CASE TEMPERATURE : Tc (℃)
0.01
0.1
1
10
0.0001 0.001
0.01
0.1
1
10
100
1000
Pulse width : Pw ( s )
Ta=25℃
Single Pulse
2/3
2012.09 - Rev.C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com