Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS110AG Datasheet(PDF) 1 Page - Rohm

Part # SCS110AG
Description  SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS110AG Datasheet(HTML) 1 Page - Rohm

  SCS110AG Datasheet HTML 1Page - Rohm SCS110AG Datasheet HTML 2Page - Rohm SCS110AG Datasheet HTML 3Page - Rohm SCS110AG Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
SiC Schottky Barrier Diode
SCS110AG
Applications
Dimensions (Unit : mm)
Structure
Switching power supply
Features
1)Shorter recovery time
2)Reduced temperature dependence
3)High-speed switching possible
Construction
Silicon carbide epitaxial planer type
Absolute maximum ratings (Tj=25°C)
Symbol
Unit
VRM
V
VR
V
IF
A
A
A
IFRM
A
Total power disspation
PD
W
Tj
°C
Tstg
°C
Junction to case
Rth(j-c)
°C / W
Electrical characteristics (Tj=25°C)
Symbol
Min.
Typ.
Max.
Unit
VDC
600
-
-
V
IR=0.2mA
-1.5
1.7
V
IF=10A,Tj=25°C
-1.82
-
V
IF=10A,Tj=175°C
-
2
200
μAV
R=600V,Tj=25°C
-40
-
μAV
R=600V,Tj=175°C
-
430
-
pF
VR=1V,f=1MHz
-47
-
pF
VR=600V,f=1MHz
Qc
-
16
-
nC
VR=400V,di/dt=350A/μs
tc
-
15
-
ns
VR=400V,di/dt=350A/μs
IR
Total capacitance
C
Total capacitive charge
Switching time
55 to 175
1.8
(*1)Tc=134°C (*2)PW=8.3ms sinusoidal,Tj=25°C
(*3)PW=10
s square,Tj=25°C (*4)Tc=100°C,Tj=150°C,Duty cycle=10% (*5)Tc=25°C
Reverse current
Conditions
DC blocking voltage
Parameter
Limits
Reverse voltage (repetitive peak)
600
Reverse voltage (DC)
600
Continuous forward current
10*
1
40*
2
160*
3
Surge no repetitive forward current
IFSM
Repetitive peak forward current
42*
4
83*
5
Junction temperature
175
Range of storage temperature
Parameter
Forward voltage
VF
ROHM : TO-220AC
1/3
2012.09 - Rev.C


Similar Part No. - SCS110AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS110AG ROHM-SCS110AG Datasheet
136Kb / 1P
SiC Schottky Barrier Diodes
SCS110AG ROHM-SCS110AG Datasheet
1Mb / 4P
SiC Schottky Barrier Diode
SCS110AG ROHM-SCS110AG Datasheet
114Kb / 2P
Part No. Explanation
SCS110AG_1104 ROHM-SCS110AG_1104 Datasheet
1Mb / 4P
SiC Schottky Barrier Diode
More results

Similar Description - SCS110AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com