Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2943 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD2943
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SD2943 Datasheet HTML 3Page - STMicroelectronics SD2943 Datasheet HTML 4Page - STMicroelectronics SD2943 Datasheet HTML 5Page - STMicroelectronics SD2943 Datasheet HTML 6Page - STMicroelectronics SD2943 Datasheet HTML 7Page - STMicroelectronics SD2943 Datasheet HTML 8Page - STMicroelectronics SD2943 Datasheet HTML 9Page - STMicroelectronics SD2943 Datasheet HTML 10Page - STMicroelectronics SD2943 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SD2943
Typical performance
Doc ID 11584 Rev 3
7/15
Figure 7.
Output power vs input power
Figure 8.
Output power vs input power (at
different temperature)
Figure 9.
Power gain vs output power
Figure 10.
Efficiency vs output power
Figure 11.
Output power vs supply voltage
Figure 12.
Output power vs gate voltage
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Pin (W)
Freq = 30 MHz
Idq = 250 mA
Vdd = 40 V
Vdd = 50 V
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Pin (W)
Freq = 30 MHz
Vdd = 50 V
Idq = 250 mA
Tc = +25 ºC
Tc = +80 ºC
Tc = -20 ºC
14
16
18
20
22
24
26
28
30
0
50
100
150
200
250
300
350
400
450
500
Pout (W)
Freq = 30 MHz
Vdd = 50 V
Idq = 250 mA
Tc = +80 ºC
Tc = -20 ºC
Tc = +25 ºC
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
300
350
400
450
500
Pout (W)
Freq = 30 MHz
Vdd = 50 V
Idq = 250 mA
Tc = +25 ºC
80
120
160
200
240
280
320
360
400
440
26
28
30
32
34
36
38
40
42
44
46
48
50
52
Vdd (V)
Freq = 30 MHz
Idq = 250mA
Pin = 0.55 W
Pin = 1.1 W
Pin = 2.2 W
0
40
80
120
160
200
240
280
320
360
400
440
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Vgs (V)
Freq = 30 MHz
Pin = 1.1 W
Vdd = 50 V
Idq = 250 mA
Tc = +80 ºC
Tc = -20 ºC
Tc = +25 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com