Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2943 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD2943
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943 Datasheet(HTML) 5 Page - STMicroelectronics

  SD2943 Datasheet HTML 1Page - STMicroelectronics SD2943 Datasheet HTML 2Page - STMicroelectronics SD2943 Datasheet HTML 3Page - STMicroelectronics SD2943 Datasheet HTML 4Page - STMicroelectronics SD2943 Datasheet HTML 5Page - STMicroelectronics SD2943 Datasheet HTML 6Page - STMicroelectronics SD2943 Datasheet HTML 7Page - STMicroelectronics SD2943 Datasheet HTML 8Page - STMicroelectronics SD2943 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SD2943
Impedance
Doc ID 11584 Rev 3
5/15
3
Impedance
Figure 2.
Impedance Data Schematic
ZDL
D
S
ZIN
G
Typical Input
Impedance
Typical Drain
Load Impedance
Table 7.
Impedance data
fZIN (Ω)ZDL (Ω)
30 MHz
1.3 - j 2.9
3.1 + j 2.3
108 MHz
1.4 - j 2.4
1.9 + j 1.4
175 MHz
1.4 - j 2.2
1.7 +j 1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com