Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9332L Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9332L
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L Datasheet(HTML) 3 Page - California Eastern Labs

  PS9332L Datasheet HTML 1Page - California Eastern Labs PS9332L Datasheet HTML 2Page - California Eastern Labs PS9332L Datasheet HTML 3Page - California Eastern Labs PS9332L Datasheet HTML 4Page - California Eastern Labs PS9332L Datasheet HTML 5Page - California Eastern Labs PS9332L Datasheet HTML 6Page - California Eastern Labs PS9332L Datasheet HTML 7Page - California Eastern Labs PS9332L Datasheet HTML 8Page - California Eastern Labs PS9332L Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PS9332L, PS9332L2
Chapter Title
R08DS0105EJ0100 Rev.1.00
Page 3 of 18
Sep 06, 2013
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9332L
PS9332L2
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
8 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
MARKING EXAMPLE
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number
*1
PS9332L
PS9332L-AX
20 pcs (Tape 20 pcs cut)
PS9332L-E3
PS9332L-E3-AX
Embossed Tape 2 000
pcs/reel
PS9332L
PS9332L2
PS9332L2-AX
20 pcs (Tape 20 pcs cut)
PS9332L2-E3
PS9332L2-E3-AX
Embossed Tape 2 000
pcs/reel
Standard
products
(UL, CSA,
SEMKO
approved)
PS9332L2
PS9332L-V
PS9332L-V-AX
20 pcs (Tape 20 pcs cut)
PS9332L-V-E3
PS9332L-V-E3-AX
Embossed Tape 2 000
pcs/reel
PS9332L
PS9332L2-V
PS9332L2-V-AX
20 pcs (Tape 20 pcs cut)
PS9332L2-V-E3 PS9332L2-V-E3-AX
Pb-Free
(Ni/Pd/Au)
Embossed Tape 2 000
pcs/reel
DIN EN 60747-5-5
(VDE 0884-5)
approved
(Option)
PS9332L2
Note: *1. For the application of the Safety Standard, following part number should be used.
9332
R
N304
3
N
04
No. 1 pin
Mark
Year Assembled
(Last 1 Digit)
Rank Code
Week Assembled
Assembly Lot
Type Number
Company Initial
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com