Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9332L Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9332L
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9332L Datasheet HTML 4Page - California Eastern Labs PS9332L Datasheet HTML 5Page - California Eastern Labs PS9332L Datasheet HTML 6Page - California Eastern Labs PS9332L Datasheet HTML 7Page - California Eastern Labs PS9332L Datasheet HTML 8Page - California Eastern Labs PS9332L Datasheet HTML 9Page - California Eastern Labs PS9332L Datasheet HTML 10Page - California Eastern Labs PS9332L Datasheet HTML 11Page - California Eastern Labs PS9332L Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PS9332L, PS9332L2
Chapter Title
R08DS0105EJ0100 Rev.1.00
Page 8 of 18
Sep 06, 2013
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
High Level Output Current IOH (A)
HIGH LEVEL OUTPUT VOLTAGE – OUTPUT SUPPLY
VOLTAGE vs. HIGH LEVEL OUTPUT CURRENT
0.0
0.5
1.0
1.5
2.5
2.0
0
-10
-8
-6
-4
-2
-40°C
TA = 125
°C
25
°C
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
1.0
0.01
0.1
1.0
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +125
°C
+100
°C
+85
°C
+50
°C
+25
°C
-20
°C
-40°C
Ambient Temperature TA (
°C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
25
50
75
100
150
125
0
300
250
200
150
100
50
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION
vs. AMBIENT TEMPERATURE
25
50
75
100
150
125
0
50
40
30
20
10
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
1
0
02
3
35
30
25
20
15
10
5
VCC = 30 V,
VEE = GND
Ambient Temperature TA (
°C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
3
2
1
0
-50 -25
100
125
50
75
025
150
IFLH
IFHL
VCC = 30 V,
VEE = GND,
IF = 10 mA
VCC = 30 V,
VEE = GND,
Vth = 5 V
IFLH
IFHL
Remark The graphs indicate nominal characteristics.
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com