Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601L1-V Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS8601L1-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8601L1-V Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS8601L1-V Datasheet HTML 2Page - California Eastern Labs PS8601L1-V Datasheet HTML 3Page - California Eastern Labs PS8601L1-V Datasheet HTML 4Page - California Eastern Labs PS8601L1-V Datasheet HTML 5Page - California Eastern Labs PS8601L1-V Datasheet HTML 6Page - California Eastern Labs PS8601L1-V Datasheet HTML 7Page - California Eastern Labs PS8601L1-V Datasheet HTML 8Page - California Eastern Labs PS8601L1-V Datasheet HTML 9Page - California Eastern Labs PS8601L1-V Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PS8601,PS8601L
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.7
2.2
V
Reverse Current
IR
VR = 5 V
10
µA
Forward Voltage
Temperature Coefficent
∆VF/∆T
IF = 16 mA
−1.6
mV/
°C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
60
pF
Detector
High Level Output Current
IOH(1)
IF = 0 mA, VCC = VO = 5.5 V
3
500
nA
High Level Output Current
IOH(2)
IF = 0 mA, VCC = VO = 35 V
100
µA
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V, IO = 1.2 mA
0.1
0.4
V
Low Level Supply Current
ICCL
IF = 16 mA, VO = Open, VCC = 35 V
50
µA
High Level Supply Current
ICCH
IF = 0 mA, VO = Open, VCC = 35 V
0.01
1
µA
DC Current Gain
hFE
VO = 5 V, IO = 3 mA
100
Coupled
Current Transfer Ratio
CTR
IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
15
%
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.7
pF
Propagation Delay Time
tPHL
IF = 16 mA, VCC = 5 V, RL = 1.9 k
Ω
0.5
0.8
µs
(H
→ L)*2
Propagation Delay Time
tPLH
IF = 16 mA, VCC = 5 V, RL = 1.9 k
Ω
0.3
0.8
µs
(L
→ H)*2
*1 Typical values at TA = 25
°C
*2 Test circuit for propagation delay time
18
27
36
45
IF
51
Ω
VCC = 5 V
(Monitor)
VO
RL
CL = 15 pF
CL includes probe and stray wiring capacitance
0.1
F
µ
Input
Output
Pulse Input
IF Monitor
PW = 100 s
Duty Cycle = 1/10
µ
(
)
50 %
1.5 V
5 V
VOL
tPHL
tPLH
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
µF is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
Data Sheet PN10262EJ01V0DS
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com