Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601L1-V Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS8601L1-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8601L1-V Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS8601L1-V Datasheet HTML 3Page - California Eastern Labs PS8601L1-V Datasheet HTML 4Page - California Eastern Labs PS8601L1-V Datasheet HTML 5Page - California Eastern Labs PS8601L1-V Datasheet HTML 6Page - California Eastern Labs PS8601L1-V Datasheet HTML 7Page - California Eastern Labs PS8601L1-V Datasheet HTML 8Page - California Eastern Labs PS8601L1-V Datasheet HTML 9Page - California Eastern Labs PS8601L1-V Datasheet HTML 10Page - California Eastern Labs PS8601L1-V Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PS8601,PS8601L
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Output Voltage VO (V)
OUTPUT CURRENT vs.
OUTPUT VOLTAGE
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Foward Current IF (mA)
CURRENT TRANSFER RATIO
vs. FOWARD CURRENT
30
20
10
0
25
50
75
100
125
120
80
40
0
25
50
75
100
125
100
60
20
0.01
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.1
1.0
10
100
TA = +100 ˚C
+50 ˚C
+25 ˚C
0 ˚C
–25 ˚C
10
4
0
8
6
2
4
8
18
20
16
2
6
10
12
14
IF = 25 mA
20 mA
15 mA
10 mA
5 mA
VCC = 4.5 V,
VO = 0.4 V,
TA = 25 ˚C
50
40
30
20
10
0
0.1
0.5
1
5
10
50 100
Normalized to 1.0
at TA = 25 ˚C,
IF = 16 mA, VCC = 4.5 V,
VO = 0.4 V
–75 –50
–25
0
25
50
75
100 125
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Data Sheet PN10262EJ01V0DS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com