Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601L2-V Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS8601L2-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8601L2-V Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS8601L2-V Datasheet HTML 4Page - California Eastern Labs PS8601L2-V Datasheet HTML 5Page - California Eastern Labs PS8601L2-V Datasheet HTML 6Page - California Eastern Labs PS8601L2-V Datasheet HTML 7Page - California Eastern Labs PS8601L2-V Datasheet HTML 8Page - California Eastern Labs PS8601L2-V Datasheet HTML 9Page - California Eastern Labs PS8601L2-V Datasheet HTML 10Page - California Eastern Labs PS8601L2-V Datasheet HTML 11Page - California Eastern Labs PS8601L2-V Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PS8601,PS8601L
Foward Current IF (mA)
OUTPUT VOLTAGE vs.
FOWARD CURRENT
Load Resistance RL (k
Ω)
PROPAGATION DELAY TIME,
vs. LORD RESISTANCE
Ambient Temperature TA (˚C)
PROPAGATION DELAY TIME,
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
HIGH LEVEL OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
VCC = 5 V,
IF = 16 mA
tPLH
tPHL
10
1
0.1
10 k
100 k
1 k
6
7
5
4
2
0
3
1
12
16
20
48
26
10
14
18
10 k
Ω
5.6 k
Ω
RL = 1.9 k
Ω
1 000
1
0.1
100
10
50
100
–25
0
25
75
VCC = VO = 35 V
VCC = VO = 5.5 V
IF = 0 mA
tPHL
tPLH
VCC = 5 V,
IF = 16mA,
RL = 1.9 k
Ω
–75 –50
–25
0
25
50
75
100
125
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VCC = 5 V
RL
VCC
IF
Remark The graphs indicate nominal characteristics.
Data Sheet PN10262EJ01V0DS
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com