Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601L2-V Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS8601L2-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8601L2-V Datasheet(HTML) 1 Page - California Eastern Labs

  PS8601L2-V Datasheet HTML 1Page - California Eastern Labs PS8601L2-V Datasheet HTML 2Page - California Eastern Labs PS8601L2-V Datasheet HTML 3Page - California Eastern Labs PS8601L2-V Datasheet HTML 4Page - California Eastern Labs PS8601L2-V Datasheet HTML 5Page - California Eastern Labs PS8601L2-V Datasheet HTML 6Page - California Eastern Labs PS8601L2-V Datasheet HTML 7Page - California Eastern Labs PS8601L2-V Datasheet HTML 8Page - California Eastern Labs PS8601L2-V Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PHOTOCOUPLER
PS8601,PS8601L
HIGH SPEED ANALOG OUTPUT TYPE
8-PIN PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS8601 and PS8601L are 8-pin high speed photocouplers containing a GaAIAs LED on input side and a PN
photodiode and a high speed amplifier transistor on output side on one chip. The PS8601 is in a plastic DIP (Dual In-
line Package). The PS8601L is lead bending type (Gull wing) for surface mount.
FEATURES
• High supply voltage
(VCC = 35 V MAX.)
• High speed response
(tPHL, tPLH = 0.8
µs MAX.)
• High isolation voltage
(BV = 5 000 Vr.m.s.)
• TTL, CMOS compatible with a resistor
• For Infrared reflow soldering
• Ordering number of tape product: PS8601L-E3, E4: 1 000 pcs/reel
• Safety standards
• UL approved: File No. E72422 (S)
• BSI approved: No. 8004
• VDE0884 approved (Option) No.91877
APPLICATIONS
• Interface for measurement or control equipment
• Substitutions for relays and pulse transformers
Document No. PN10262EJ01V0DS (1st edition)
(Previous No. P11650EJ3V1DS00)
Date Published February 2003 CP(K)
The mark
shows major revised points.


Similar Part No. - PS8601L2-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS8601L2-V NEC-PS8601L2-V Datasheet
81Kb / 10P
HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
More results

Similar Description - PS8601L2-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com