Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2125CS
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2125CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2125CS Datasheet HTML 2Page - Elantec Semiconductor EL2125CS Datasheet HTML 3Page - Elantec Semiconductor EL2125CS Datasheet HTML 4Page - Elantec Semiconductor EL2125CS Datasheet HTML 5Page - Elantec Semiconductor EL2125CS Datasheet HTML 6Page - Elantec Semiconductor EL2125CS Datasheet HTML 7Page - Elantec Semiconductor EL2125CS Datasheet HTML 8Page - Elantec Semiconductor EL2125CS Datasheet HTML 9Page - Elantec Semiconductor EL2125CS Datasheet HTML 10Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
EL2125C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Typical Performance Curves
Voltage and Current Noise vs Frequency
100
10
1
0.1
10
100
1k
10k
100k
Frequency (Hz)
VN, VS=±15V
IN, VS=±5V
IN, VS=±15V
VN, VS=±5V
Settling Time vs Accuracy
60
50
40
30
20
10
0
0.1
1
10
Accuracy (%)
VS=±15V
VO=5VPP
VS=±5V
VO=5VPP
VS=±15V
VO=2VPP
VS=±5V
VO=2VPP
Total Harmonic Distortion vs Frequency
-30
-60
-80
-90
1k
10k
100M
Frequency (Hz)
VS=±5V
VO=2VPP
AV=10
RF=180Ω
RL=500Ω
100k
1M
10M
-40
-50
-70
-6
14
1
400
Frequency (MHz)
Group Delay
2
10
6
-2
10
100
AV=20
AV=10
VS=±15V
-110
-10
10
100M
Frequency (Hz)
CMRR
-70
-30
-50
-99
100
10M
1k
10k
100k
1M
10
50
30
10K
PSRR
10M
70
90
110
100K
100M
Frequency (Hz)
1M
PSRR-
PSRR+
600M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com