Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2125CS
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2125CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2125CS Datasheet HTML 1Page - Elantec Semiconductor EL2125CS Datasheet HTML 2Page - Elantec Semiconductor EL2125CS Datasheet HTML 3Page - Elantec Semiconductor EL2125CS Datasheet HTML 4Page - Elantec Semiconductor EL2125CS Datasheet HTML 5Page - Elantec Semiconductor EL2125CS Datasheet HTML 6Page - Elantec Semiconductor EL2125CS Datasheet HTML 7Page - Elantec Semiconductor EL2125CS Datasheet HTML 8Page - Elantec Semiconductor EL2125CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
EL2125C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Electrical Characteristics
VS = ±15V, TA = 25°C, RF = 180Ω, RG = 20Ω, RL = 500Ω unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
DC Performance
VOS
Input Offset Voltage (SO8 & PDIP8)
-0.2
2
mV
Input Offset Voltage (SOT23-5)
3
mV
TCVOS
Offset Voltage Temperature Coefficient
TBD
µV/°C
IB
Input Bias Current
-30
-21
µA
IOS
Input Bias Current Offset
0.16
1
µA
TCIB
Input Bias Current Temperature Coefficient
TBD
nA/°C
CIN
Input Capacitance
2.2
pF
AVOL
Open Loop Gain
75
86
dB
PSRR
Power Supply Rejection Ratio [1]
75
95
dB
CMRR
Common Mode Rejection Ratio [2]
75
100
dB
CMIR
Common Mode Input Range
TBD
V
VOUT
Output Voltage Swing
No load, RF = 1kΩ
13.5
V
VOUTL
Output Voltage Swing
Positive, RF = 180Ω, RL = 500Ω
12.1
V
Negative
-11.3
V
IOUT
Output Short Circuit Current [3]
100
150
mA
IS
Supply Current
10.8
12
mA
AC Performance - RG = 20Ω, CL = 5pF
BW
-3dB Bandwidth
220
MHz
BW ±0.1dB
±0.1dB Bandwidth
23
MHz
BW ±1dB
±1dB Bandwidth
63
MHz
Peaking
Peaking
2.5
dB
SR
Slew Rate
VOUT = 2VPP, measured at 20% to 80%
TBD
225
V/µs
OS
Overshoot, 4Vpk-pk Output Square Wave
0.6
%
TS
Settling Time to 0.1% of ±1V Pulse
TBD
ns
VN
Voltage Noise Spectral Density
0.95
nV/
√Hz
IN
Current Noise Spectral Density
2.1
pA/
√Hz
HD2
2nd Harmonic Distortion [4]
TBD
dBc
HD3
3rd Harmonic Distortion [4]
TBD
dBc
THD
Total Harmonic Distortion [5]
TBD
dBc
IMD
Intermodulation Distortion [6]
TBD
%
1. Measured by moving the supplies from ±13.5V to ±16.5V
2. Measured by moving the inputs from +13.5V to -14.4V
3. Pulse test only
4. Frequency = 10MHz, VOUT = 1Vpk-pk, into 100Ω and 5pF load
5. Frequency = 20MHz, VOUT = -20dBm (0.0274VRMS) into 500Ω and 15pF load
6. Two-tone IMD, frequencies = 5MHz and 6MHz at -20dBm output level, RLOAD = 500Ω and 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com