Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2170CS Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL2170CS
Description  70 MHz/1 mA Current Mode Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2170CS Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL2170CS Datasheet HTML 2Page - Elantec Semiconductor EL2170CS Datasheet HTML 3Page - Elantec Semiconductor EL2170CS Datasheet HTML 4Page - Elantec Semiconductor EL2170CS Datasheet HTML 5Page - Elantec Semiconductor EL2170CS Datasheet HTML 6Page - Elantec Semiconductor EL2170CS Datasheet HTML 7Page - Elantec Semiconductor EL2170CS Datasheet HTML 8Page - Elantec Semiconductor EL2170CS Datasheet HTML 9Page - Elantec Semiconductor EL2170CS Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EL2170CEL2270CEL2470C
70 MHz1 mA Current Mode Feedback Amplifiers
Typical Performance Curves
Contd
Noise vs Frequency
Voltage and Current
2170 – 14
Distortion vs Frequency
2nd and 3rd Harmonic
2170 – 15
vs Frequency
Output Voltage
2170 – 16
Various Non-Inverting Gains
vs Supply Voltage for
b
3 dB Bandwith and Peaking
2170 – 17
Various Inverting Gains
vs Supply Voltage for
b
3 dB Bandwith and Peaking
2170 – 18
vs Supply Voltage
Output Voltage Swing
2170 – 19
Supply Voltage
Supply Current vs
2170 – 20
vs Supply Voltage
Common-Mode Input Range
2170 – 21
Supply Voltage
Slew Rate vs
2170 – 22
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com