Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2170CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2170CS
Description  70 MHz/1 mA Current Mode Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2170CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2170CS Datasheet HTML 1Page - Elantec Semiconductor EL2170CS Datasheet HTML 2Page - Elantec Semiconductor EL2170CS Datasheet HTML 3Page - Elantec Semiconductor EL2170CS Datasheet HTML 4Page - Elantec Semiconductor EL2170CS Datasheet HTML 5Page - Elantec Semiconductor EL2170CS Datasheet HTML 6Page - Elantec Semiconductor EL2170CS Datasheet HTML 7Page - Elantec Semiconductor EL2170CS Datasheet HTML 8Page - Elantec Semiconductor EL2170CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL2170CEL2270CEL2470C
70 MHz1 mA Current Mode Feedback Amplifiers
DC Electrical Characteristics
Contd
VS e g5V RL e 150X TA e 25 C unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Test
Units
Level
VO
Output Voltage Swing
VS e g5
g
35
g
40
I
V
VS ea5 Single-Supply High
40
V
V
VS ea5 Single-Supply Low
03
V
V
IO
Output Current
EL2170C only
80
100
I
mA
EL2270C only per Amplifier
50
55
I
mA
EL2470C only per Amplifier
50
55
I
mA
IS
Supply Current
Per Amplifier
1
2
I
mA
AC Electrical Characteristics
VS e g5V RF e RG e 1kX RL e 150X TA e 25 C unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Test
Units
Level
b
3dBBW
b
3 dB Bandwidth
AV ea1
70
V
MHz
b
3dBBW
b
3 dB Bandwidth
AV ea2
60
V
MHz
SR
Slew Rate
VOUT e g25V AV ea2
400
800
IV
V
ms
tr tf
Rise and Fall Time
VOUT e g500 mV
45
V
ns
tpd
Propagation Delay
VOUT e g500 mV
45
V
ns
OS
Overshoot
VOUT e g500 mV
30
V
%
ts
01% Settling
VOUT e g25V AV eb140
V
ns
dG
Differential Gain
AV ea2 RL e 150X (Note 1)
015
V
%
dP
Differential Phase
AV ea2 RL e 150X (Note 1)
015
V
dG
Differential Gain
AV ea1 RL e 500X (Note 1)
002
V
%
dP
Differential Phase
AV ea1 RL e 500X (Note 1)
001
V
CS
Channel Separation
EL2270C EL2470C only f e 5 MHz
85
V
dB
Note 1 DC offset from 0V to 0714V AC amplitude 286 mVP-P f e 358 MHz
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com