Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2270CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2270CS
Description  70 MHz/1 mA Current Mode Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2270CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2270CS Datasheet HTML 1Page - Elantec Semiconductor EL2270CS Datasheet HTML 2Page - Elantec Semiconductor EL2270CS Datasheet HTML 3Page - Elantec Semiconductor EL2270CS Datasheet HTML 4Page - Elantec Semiconductor EL2270CS Datasheet HTML 5Page - Elantec Semiconductor EL2270CS Datasheet HTML 6Page - Elantec Semiconductor EL2270CS Datasheet HTML 7Page - Elantec Semiconductor EL2270CS Datasheet HTML 8Page - Elantec Semiconductor EL2270CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EL2170CEL2270CEL2470C
70 MHz1 mA Current Mode Feedback Amplifiers
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1995 Elantec Inc
Features
 Single (EL2170C) dual
(EL2270C) and quad (EL2470C)
topologies
 1 mA supply current (per
amplifier)
 70 MHz b3 dB bandwidth
 Tiny SOT23-5 Package
(EL2170C)
 Low cost
 Single- and dual-supply
operation down to g15V
 015%015 diff gaindiff phase
into 150
X
 800 V ms slew rate
 Large output drive current
100 mA (EL2170C)
55 mA (EL2270C)
55 mA (EL2470C)
 Also available with disable in
single (EL2176C) and dual
(EL2276C)
 Higher speed EL2180CEL2186C
family also available (3 mA
250 MHz) in single dual and
quad
Applications
 Low powerbattery applications
 HDSL amplifiers
 Video amplifiers
 Cable drivers
 RGB amplifiers
 Test equipment amplifiers
 Current to voltage converters
Ordering Information
Part No
Temp Range
Package
Outline
EL2170CN b40 Cto a85 C 8-Pin PDIP
MDP0031
EL2170CS
b
40 Cto a85 C 8-Pin SOIC
MDP0027
EL2170CW b40 Cto a85 C 5-Pin SOT23
MDP0038
EL2270CN b40 Cto a85 C 8-Pin PDIP
MDP0031
EL2270CS
b
40 Cto a85 C 8-Pin SOIC
MDP0027
EL2470CN b40 Cto a85 C 14-Pin PDIP
MDP0031
EL2470CS
b
40 Cto a85 C 14-Pin SOIC
MDP0027
See
Ordering
Information
section
of
databook
General Description
The EL2170CEL2270CEL2470C are singledualquad cur-
rent-feedback operational amplifiers which achieve a b3dB
bandwidth of 70 MHz at a gain of a1 while consuming only
1 mA of supply current per amplifier They will operate with
dual supplies ranging from g15V to g6V or from single sup-
plies ranging from a3V to a12V In spite of their low supply
current the EL2270C and the EL2470C can output 55 mA while
swinging to g4V on g5V supplies The EL2170C can output
100 mA with similar output swings These attributes make the
EL2170CEL2270CEL2470C excellent choices for low power
andor low voltage cable-driver HDSL or RGB applications
For applications where board space is extremely critical the
EL2170C is available in the tiny 5-Lead SOT23 package which
has a footprint 28% the size of an 8-Lead SOIC The EL2170C
EL2270CEL2470C are each also available in industry standard
pinouts in PDIP and SOIC packages
For Single and Dual applications with disable consider the
EL2176C (8-Pin Single) or EL2276C (14-Pin Dual) For higher
speed applications where power is still a concern consider the
EL2180CEl2186C family which also comes in similar Single
Dual Triple and Quad configurations The EL2180CEL2186C
family provides a b3 dB bandwidth of 250 MHz while consum-
ing 3 mA of supply current per amplifier
Connection Diagrams
EL2170C SO P-DIP
EL2270C SO P-DIP
2170 – 1
EL2170C SOT23-5
2170 – 46
Top View
EL2470C SO P-DIP
2170 – 2


Similar Part No. - EL2270CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2270CS INTERSIL-EL2270CS Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2270CS INTERSIL-EL2270CS Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
EL2270CS-T13 INTERSIL-EL2270CS-T13 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2270CS-T13 INTERSIL-EL2270CS-T13 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
EL2270CS-T7 INTERSIL-EL2270CS-T7 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
More results

Similar Description - EL2270CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
300 MHz, 1 mA Current Feedback Amplifier
REV.B
logo
Elantec Semiconductor
EL2176C ELANTEC-EL2176C Datasheet
359Kb / 20P
70 MHz/1 mA Current Mode Feedback Amp w/Disable
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
250MHz/3mA Current Mode Feedback Amplifiers
November 14,2002
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com