Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW6010G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6010G
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6010G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW6010G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPDT Switch
DC - 6.0 GHz
Rev. V6
MASW6010G
1
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: 0.5 dB Typical @ 4 GHz
• Fast Switching Speed: 4 ns Typical
• Ultra Low DC Power Consumption
Description
M/A-COM Technology’s MASW6010G is an SPDT
GaAs MESFET MMIC.
This part combines small
size, low insertion loss and power consumption with
high isolation.
Ideal for many applications and
module use. It will function well for designs below
6 GHz.
This die includes full passivation for performance
and reliability.
Bond Pad Dimensions
Bond Pad
Dimension Inches (mm)
RFC
0.004 x 0.004 (0.100 x 0.100)
RF2, RF3
0.004 x 0.004 (0.100 x 0.100)
A, B
0.004 x 0.004 (0.100 x 0.100)
GND1, GND2
0.012 x 0.004 (0.300 x 0.100)
DIE Size
0.031 x 0.031 x 0.010 (0.80 x 0.80 x 0.25)
Ordering Information1
Part Number
Package
MASW6010G
Die
1. Die quantity varies.
Absolute Maximum Ratings 2
Parameter
Absolute Maximum
Control Voltage (A/B)
-8.5 VDC
Input RF Power
+34 dBm (500 MHz - 6 GHz)
Operating Temperature
+175°C
Storage Temperature
-65°C to +175°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Schematic
Pad Layout


Similar Part No. - MASW6010G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6010G MACOM-MASW6010G Datasheet
90Kb / 2P
GaAs SPDT Switch DC-6 GHz
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
GaAs SPDT Switch DC - 6.0 GHz
MASW6010G MA-COM-MASW6010G_15 Datasheet
489Kb / 5P
GaAs SPDT Switch DC - 6.0 GHz
More results

Similar Description - MASW6010G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
SW-456_V5 MA-COM-SW-456_V5 Datasheet
83Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
GaAs SPDT Switch
MASWSS0176 MA-COM-MASWSS0176_15 Datasheet
639Kb / 4P
GaAs SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com