Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-009482 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009482
Description  GaAs Broadband High Power SP3T Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009482 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-009482 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaAs Broadband High Power SP3T Switch
DC - 4.0 GHz
Rev. V1
MASW-009482
2
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V / 2.7 V, 1000 pF Capacitors
4
4. External DC blocking capacitors are required on all RF ports. Typical performance specifications are with 1000 pF blocking and decoupling
capacitors / as shown on the application schematic .
5. RX Interferer power set to –10 dBm during test to improve dynamic range of measurement system. Typical performance with –23 dBm
interferer is determined by using a linear relationship between interferer power level and cross modulation products.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
(All Paths)
1.0 GHz
2.0 GHz
2.5 GHz
dB
dB
dB
—
—
—
0.55
0.75
0.75
0.7
0.9
0.9
Isolation
1.0 GHz
2.0 GHz
2.5 GHz
dB
dB
dB
23
17
16
27
21
20
—
—
—
Return Loss
(All RF ports)
DC - 2.5 GHz
dB
—
20
—
Input IP3
Two Tone, +23 dBm/tone, 5 MHz Spacing, 1 GHz
Two Tone, +23 dBm/tone, 5 MHz Spacing, 2 GHz
dBm
dBm
—
—
65
64
—
—
Cross Modulation
For Cell Band: Two-tone signal input:
TX1 = +22 dBm @ 820 MHz, TX2 = +22 dBm @ 821 MHz,
RX interferer = -23 dBm @ 865 MHz
5
dBm
—
-108
—
For PCS Band: Two-tone signal input:
TX1 = +18 dBm @ 1880 MHz, TX2 = +18 dBm @ 1881 MHz,
RX interferer = -23 dBm @ 1960 MHz
5
dBm
—
-109
—
Input P0.1dB
VC = 0 V/2.7 V, 1 GHz
dBm
—
36
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF, 900 MHz
ns
—
45
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF,
900 MHz
ns
—
70
—
Transients
In Band
mV
—
40
—
Control Current
VC = 0 V/2.7 V
µA
—
6
25
3
rd Harmonic
Fin = 1 GHz, Pin = +26 dBm
Fin = 2 GHz, Pin = +26 dBm
dBc
—
—
84
74
—
—
2
nd Harmonic
Fin = 1 GHz, Pin = +26 dBm
Fin = 2 GHz, Pin = +26 dBm
dBc
—
—
82
83
—
—
Truth Table 8,9
V1
V2
V3
ANT-RF1 ANT-RF2 ANT-RF3
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
8. Differential voltage, V (state 1) -V (state 0) must be 2.6 V
minimum and must not exceed 8.5 V.
9. Positive Control: 1 = +2.6 V to +8.0 V, 0 = 0 V +/- 0.2V
Negative Control: 1 = 0 V +/- 0.2V, 0 = -2.6 V to -8.0 V
Parameter
Absolute Maximum
Input Power
(0.5 - 4.0 GHz, 2.6 V Control)
+36 dBm
Control Voltage
±8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings 6,7
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology does not recommend sustained
operation near these survivability limits.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com