Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-009482 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009482
Description  GaAs Broadband High Power SP3T Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009482 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-009482 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GaAs Broadband High Power SP3T Switch
DC - 4.0 GHz
Rev. V1
MASW-009482
3
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves:
Z0 = 50 Ω, 1000 pF Blocking and decoupling caps, VCTL = 0/+2.7 VDC
Input P0.1dB Compression
Insertion Loss
Isolation
Input Return Loss
Harmonics
Input IP2 and IP3
-2.0
-1.5
-1.0
-0.5
0.0
012
345
+25°C
-40°C
+85°C
Frequency (GHz)
-60
-50
-40
-30
-20
-10
0
012
345
+25°C
-40°C
+85°C
Frequency (GHz)
-50
-40
-30
-20
-10
0
012
345
+25°C
-40°C
+85°C
Frequency (GHz)
60
65
70
75
80
85
90
95
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2nd Harmonic
3rd Harmonic
Frequency (GHz)
50
60
70
80
90
100
110
120
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IIP3
IIP2
Frequency (GHz)
34
35
36
37
38
39
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com