Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4089CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4089CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4089CS Datasheet HTML 1Page - Elantec Semiconductor EL4089CS Datasheet HTML 2Page - Elantec Semiconductor EL4089CS Datasheet HTML 3Page - Elantec Semiconductor EL4089CS Datasheet HTML 4Page - Elantec Semiconductor EL4089CS Datasheet HTML 5Page - Elantec Semiconductor EL4089CS Datasheet HTML 6Page - Elantec Semiconductor EL4089CS Datasheet HTML 7Page - Elantec Semiconductor EL4089CS Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EL4089C
DC Restored Video Amplifier
Absolute Maximum Ratings (T
A
e
25 C)
Voltage between Va and Vb
33V
Voltage between VINa SHINa
(Va) a05V
and GND pins
to (Vb) b05V
VOUT Current
60 mA
Current into VINb and HOLD Pins
5 mA
Internal Power Dissipation
See Curves
Operating Ambient
Temperature Range
0 Cto a75 C
Operating Junction Temperature
Plastic DIP or SOL
150 C
Storage Temperature Range
b
65 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
Open Loop DC Electrical Characteristics
Provisional Supplies at g15V Load e 1k
X TA ea25 C
Parameter
Description
Temp
Min
Typ
Max
Test
Units
Level
Amplifier Section (HOLD e 5V)
VOS
Input Offset Voltage
a
25 C12
25
II
mV
Iba
INa Input Bias Current
a
25 C1
5
II
mA
Ibb
INb Input Bias Current
a
25 C
18
150
II
mA
ROL
Transimpedance (Note 1)
a
25 C
180
800
II
k
X
RINb
INb Resistance
a
25 C20
V
X
CMRR
Common Mode Rejection Ratio
a
25 C44
60
II
dB
(Note 2)
VO
Output Voltage Swing
a
25 C
g
12
g
13
II
V
ISC
Short Circuit Current
a
25 C
45
100
II
mA
(INa Only Driven to 05V)
Restore Section
VOS Comp
Composite Input Offset Voltage
a
25 C3
7
II
mV
(Note 3)
Iba r
Restore Ina Input Bias Current
a
25 C
3
12
II
mA
IOUT
Restoring Current Available
a
25 C
180
300
II
mA
CMRR
Common Mode Rejection Ratio
a
25 C60
70
II
dB
(Note 2)
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com