Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4089CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4089CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4089CS Datasheet HTML 1Page - Elantec Semiconductor EL4089CS Datasheet HTML 2Page - Elantec Semiconductor EL4089CS Datasheet HTML 3Page - Elantec Semiconductor EL4089CS Datasheet HTML 4Page - Elantec Semiconductor EL4089CS Datasheet HTML 5Page - Elantec Semiconductor EL4089CS Datasheet HTML 6Page - Elantec Semiconductor EL4089CS Datasheet HTML 7Page - Elantec Semiconductor EL4089CS Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EL4089C
DC Restored Video Amplifier
Open Loop DC Electrical Characteristics
Contd
Provisional Supplies at g15V Load e 1k
X TA ea25 C
Parameter
Description
Temp
Min
Typ
Max
Test
Units
Level
Restore Section
Contd
PSRR
Power Supply Rejection Ratio (Note 4)
a
25 C60
90
II
dB
VTHRESHOLD
HOLD Logic Threshold
a
25 C
08
20
II
V
IIH Hold
HOLD Input Current
Logic High
a
25 C1
5
II
mA
IIL Hold
HOLD Input Current
Logic Low
a
25 C
5
15
II
mA
Supply Current
Isy Hold
Supply Current (HOLD e 5V)
a
25 C
48
60
90
II
mA
Isy Sampling
Supply Current (HOLD e 0V)
a
25 C
50
65
110
II
mA
Closed Loop AC Electrical Characteristics
Provisional Supplies at g15V Load e 150
X and 15 pF Rf and Rg e 300X AV e 2 TA e 25 C (See Note 7 about Test Fixture)
Parameter
Description
Min
Typ
Max
Test
Units
Level
Amplifier Section
SR
Slew Rate (Note 5)
500
V
V
ms
SR
Slew Rate with g5V Supplies
275
V
V
ms
(Note 5)
BW
Bandwidth
b
3 dB
60
V
MHz
g
5V Supplies
b
3 dB
55
V
MHz
BW
Bandwidth
g
01 dB
25
V
MHz
g
5V Supplies
g
01 dB
23
V
MHz
dG
Differential Gain
VS e g15V
002
V
%
at 358 MHz (Note 6)
VS e g5V
003
V
%
dPh
Differential Phase
VS e g15V
005
V
at 358 MHz (Note 6)
VS e g5V
006
V
Restore Section
SR
Restore Amplifier Slew Rate
25
V
V
ms
(Test Circuit) 20% – 80%
THE
Time to Enable Hold
25
V
ns
THD
Time to Disable Hold
40
V
ns
Note 1 For current feedback amplifiers AVOL e ROL RINb
Note 2 VCM e g10V for VS e g15V
Note 3 Measured from SH Input to amplifier output while restoring
Note 4 VOS is measured at VS e g45V and VS e g16V both supplies are changed simultaneously
Note 5 SR measured at 20% to 80% of a 4V pk-pk square wave
Note 6 DC offset from b0714V through a0714V ac amplitude is 286 mVp-p equivalent to 40 ire
Note 7 Test fixture was designed to minimize capacitance at the INb input A ‘‘good’’ fixture should have less than 2 pF of stray
capacitance to ground at this very sensitive pin See application notes for further details
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com