Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4093CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4093CS
Description  300 MHz DC-Restored Video Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4093CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4093CS Datasheet HTML 1Page - Elantec Semiconductor EL4093CS Datasheet HTML 2Page - Elantec Semiconductor EL4093CS Datasheet HTML 3Page - Elantec Semiconductor EL4093CS Datasheet HTML 4Page - Elantec Semiconductor EL4093CS Datasheet HTML 5Page - Elantec Semiconductor EL4093CS Datasheet HTML 6Page - Elantec Semiconductor EL4093CS Datasheet HTML 7Page - Elantec Semiconductor EL4093CS Datasheet HTML 8Page - Elantec Semiconductor EL4093CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL4093C
300 MHz DC-Restored Video Amplifier
Absolute Maximum Ratings
VS
Va to Vb Supply Voltage
126V
VHOLD Voltage at HOLD input
(DGNDb07) to (DGNDa55V)
VIN
Voltage at any other input
Va to Vb
DVIN Difference between Sample and Hold inputs
g
8V
IOUT1 Video amplifier output current
g
30 mA
IOUT2SH amplifier output current
g
10 mA
IIN
Maximum current into other pins
g
6mA
PD
Maximum Power Dissipation
See Curves
TA
Operating Ambient Temperature Range b40 Cto a85 C
TJ
Operating Junction Temperature
150 C
TST Storage Temperature Range
b
65 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
Open-Loop DC Electrical Characteristics Power supplies at g5V T
A
e
25 C
Parameter
Description
Min
Typ
Max
Test
Units
Level
ISHOLD
Total Supply current in HOLD mode
95
115
I
mA
ISSAMPLE
Total Supply current in SAMPLE mode
85
105
I
mA
Video Amplifier Section (Not Restored)
Parameter
Description
Min
Typ
Max
Test
Units
Level
VOS
Input Offset Voltage
10
110
I
mV
IBa
Non-Inverting Input Bias Current
10
25
I
mA
IBb
Inverting Input Bias Current
15
50
I
mA
ROL
Transimpedance
VOUT e g25V RL e 150X
150
400
I
k
X
VO
Output Voltage Swing
g
3
g
35
I
V
RL e 150X
ISC
Output Short-Circuit Current
60
100
I
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com