Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4093CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4093CS
Description  300 MHz DC-Restored Video Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4093CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4093CS Datasheet HTML 1Page - Elantec Semiconductor EL4093CS Datasheet HTML 2Page - Elantec Semiconductor EL4093CS Datasheet HTML 3Page - Elantec Semiconductor EL4093CS Datasheet HTML 4Page - Elantec Semiconductor EL4093CS Datasheet HTML 5Page - Elantec Semiconductor EL4093CS Datasheet HTML 6Page - Elantec Semiconductor EL4093CS Datasheet HTML 7Page - Elantec Semiconductor EL4093CS Datasheet HTML 8Page - Elantec Semiconductor EL4093CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL4093C
300 MHz DC-Restored Video Amplifier
Open-Loop DC Electrical Characteristics
Power supplies at g5V TA e 25 C
Contd
Sample and Hold Section
Parameter
Description
Min
Typ
Max
Test
Units
Level
VOS
Input Offset Voltage
05
15
I
mV
TCVOS
Average Offset Voltage Drift
6
V
mV C
IB
Input Bias Current
1
2
I
mA
IOS
Input Offset Current
10
200
I
nA
TCIOS
Average Offset Current Drift
01
V
nA C
VCM
Common Mode Input Range
g
25
g
28
I
V
gm
Transconductance (RL e 500X)
5
15
I
AV
CMRR
Common Mode Rejection Ratio (VCM b25V to a25V)
70
90
I
dB
VIL
HOLD Logic Input Low (referenced to Digital GND)
08
I
V
VIH
HOLD Logic Input High (referenced to Digital GND)
20
I
V
VGND
Digital GND Reference Voltage
(Vb)(Va) b 40
I
V
IDROOP
Hold Mode Droop Current
10
70
I
nA
ICHARGE
Charge Current Available to CHOLD
g
55
g
85
I
mA
VO
Output Voltage Swing (RL e 10kX)
g
3
g
35
I
V
IO
Output Current Swing (RL e 0X)
g
45
g
55
I
mA
Closed-Loop AC Electrical Characteristics
Power supplies at g5V TA e 25 C RF e RG e 750X RL e 150X CL e 5 pF CINb(parasitic) e 18 pF
Video Amplifier Section
Parameter
Description
Min
Typ
Max
Test
Units
Levels
BW b3dB
b
3 dB Small-Signal Bandwidth
300
V
MHz
BW g01 dB
01 dB Flatness Bandwidth
50
V
MHz
Peaking
Frequency Response Peaking
0
V
dB
SR
Slew rate VOUT between b2V and a2V
1500
V
V
ms
dG
Differential Gain Error Voffset between b714 mV and a714 mV
004
V
%
d
i
Differential Phase Error Voffset between b714 mV and a714 mV
002
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com