Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4094CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL4094CS
Description  Video Gain Control/Fader
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4094CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL4094CS Datasheet HTML 4Page - Elantec Semiconductor EL4094CS Datasheet HTML 5Page - Elantec Semiconductor EL4094CS Datasheet HTML 6Page - Elantec Semiconductor EL4094CS Datasheet HTML 7Page - Elantec Semiconductor EL4094CS Datasheet HTML 8Page - Elantec Semiconductor EL4094CS Datasheet HTML 9Page - Elantec Semiconductor EL4094CS Datasheet HTML 10Page - Elantec Semiconductor EL4094CS Datasheet HTML 11Page - Elantec Semiconductor EL4094CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EL4094C
Video Gain ControlFader
Applications Information
The EL4094 is a self-contained and calibrated
fader subsystem
When a given channel has
100% gain the circuit behaves as a current-feed-
back amplifier in unity-gain connection As such
video and transfer distortions are very low As
the gain of the input is reduced a 2-quadrant
multiplier is gradually introduced into the signal
path and distortions increase with reducing gain
The input impedance also changes with gain set-
ting from about 1 M
X at 100% gain down to
16 k
X at zero gain To maximize gain accuracy
and linearity the inputs should be driven from
source impedances of 500
X or less
Linearity
The EL4094 is designed to work linearly with
g
2V inputs but lowest distortion occurs at g1V
levels and below Errors are closer to those of a
good current-feedback amplifier above 90% gain
Low-frequency linearity is 01% or better for
gains 25% to 100% and inputs up to 1V NTSC
differential gain and phase errors are better than
03% and 03 for the 25% to 100% gain range
These distortions are not strongly affected by
supply voltage nor output loading at least down
to 150
X For settling to 01% however it is best
to not load the output heavily and to run the
EL4094 on the lowest practical supply voltages
so that thermal effects are minimized
Gain Control Inputs
The gain control inputs are differential and may
be biased at any voltage as long as VGAIN is less
than 25V below Va and 3V above Vb The dif-
ferential input impedance is 55 k
X and the com-
mon-mode impedance is more than 500 k
X With
zero differential voltage on the gain inputs both
signal inputs have a 50% gain factor Nominal
calibration sets the 100% gain of VINA input at
a
05V of gain control voltage and 0% at b05V
of gain control VINB’s gain is complementary to
that of VINA a05V of gain control sets 0% gain
at VINB and b05V gain control sets 100% VINB
gain The gain control does not have a complete-
ly abrupt transition at the 0% and 100% points
There is about 10 mV of ‘‘soft’’ transfer at the
gain endpoints
To obtain the most accurate
100% gain factor or best attenuation at 0% gain
it is necessary to overdrive the gain control input
by 30 mV or more This would set the gain con-
trol voltage range as b0565V to a0565V or
30 mV beyond the maximum guaranteed 0% to
100% range In fact the gain control inputs are
very complex Here is a representation of the ter-
minals
4094 – 12
Representation of Gain Control
Inputs VG and VG
For
gain
control
inputs
between
g
05V
(g90
mA) the diode bridge is a low impedance
and all of the current into Vg flows back out
throughVg When gain control inputs exceed
this amount the bridge becomes a high imped-
ance as some of the diodes shut off and the Vg
impedance rises sharply from the nominal 55K
X
to about 500K
X This is the condition of gain
control overdrive The actual circuit produces a
much sharper overdrive characteristic than does
the simple diode bridge of this representation
The gain input has a 20 MHz b3 dB bandwidth
and 17 ns risetime for inputs to g045V When
the gain control voltage exceeds the 0% or 100%
values a 70 ns overdrive recovery transient will
occur when it is brought back to linear range If
quicker gain overdrive response is required the
Force control inputs of the EL4095 can be used
Output Loading
The EL4094 does not work well with heavy ca-
pacitive loads Like all amplifier outputs the out-
put impedance becomes inductive over frequency
resonating with a capacitive load The effective
output inductance of the EL4094 is about 350
nH More than 50 pF will cause excessive fre-
quency response peaking and transient ringing
The problem can be solved by inserting a low-
value resistor in series with the load 22
X or
more If a series resistance cannot be used then
adding a 300
X or less load resistor to ground or a
‘‘snubber’’ network may help A snubber is a re-
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com