Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4094CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4094CS
Description  Video Gain Control/Fader
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4094CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4094CS Datasheet HTML 1Page - Elantec Semiconductor EL4094CS Datasheet HTML 2Page - Elantec Semiconductor EL4094CS Datasheet HTML 3Page - Elantec Semiconductor EL4094CS Datasheet HTML 4Page - Elantec Semiconductor EL4094CS Datasheet HTML 5Page - Elantec Semiconductor EL4094CS Datasheet HTML 6Page - Elantec Semiconductor EL4094CS Datasheet HTML 7Page - Elantec Semiconductor EL4094CS Datasheet HTML 8Page - Elantec Semiconductor EL4094CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL4094C
Video Gain ControlFader
Closed Loop AC Electrical Characteristics
VS e g15V CL e 15 pF TA e 25 C AV e 100% unless otherwise noted
Parameter
Description
Limits
Level
Test
Units
Min
Typ
Max
SR
Slew Rate VOUT from b3V to a3V measured at b2V and a2V
370
500
V
V
ms
BW
Bandwidth b3 dB
45
60
III
MHz
b
1 dB
35
V
MHz
b
01 dB
6
V
MHz
dG
Differential Gain AC amplitude of 286 mVp-p
at 358 MHz on DC offset of b07 0 and a07V AV e 100%
002
V
%
AV e 50%
020
V
%
AV e 25%
040
V
%
d
i
Differential Phase AC ampitude of 286 mVp-p
at 358 MHz on DC offset of b07 0 and a07V AV e 100%
004
V
( )
AV e 50%
020
V
( )
AV e 25%
020
V
( )
BW GAIN
b
3 dB Gain Control Bandwidth VGAIN Amplitude 05 Vp-p
20
V
MHz
TREC GAIN
Gain Control Recovery from Overload VGAIN from b06V to 0V
70
V
ns
Typical Performance Curves
Small-Signal Step
Response for Gain e 100% 50%
25% and 0% VS g5V
4094 – 2
Large-Signal Step
Response for Gain e 100% 50%
25% and 0% VS g12V
4094 – 3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com