Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4095CS Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4095CS Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL4095CS Datasheet HTML 9Page - Elantec Semiconductor EL4095CS Datasheet HTML 10Page - Elantec Semiconductor EL4095CS Datasheet HTML 11Page - Elantec Semiconductor EL4095CS Datasheet HTML 12Page - Elantec Semiconductor EL4095CS Datasheet HTML 13Page - Elantec Semiconductor EL4095CS Datasheet HTML 14Page - Elantec Semiconductor EL4095CS Datasheet HTML 15Page - Elantec Semiconductor EL4095CS Datasheet HTML 16Page - Elantec Semiconductor EL4095CS Datasheet HTML 17Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
EL4095C
Video Gain ControlFaderMultiplexer
Applications Information
Contd
In fact the gain control internal circuitry is very
complex Here is a representation of the termi-
nals
Representation of Gain Control
Inputs VG and VG
4095 – 28
For
gain
control
inputs
between
g
05V
(g90
mA) the diode bridge is a low impedance
and all of the current into VG flows back out
through VG When gain control inputs exceed
this amount the bridge becomes a high imped-
ance as some of the diodes shut off and the VG
impedance rises sharply from the nominal 55 K
X
to over 500 K
X This is the condition of gain con-
trol overdrive
The actual circuit produces a
much sharper overdrive characteristics than does
the simple diode bridge of this representation
The gain input has a 20 MHz b3 dB bandwidth
and 17 ns risetime for inputs to g045V When
the gain control voltage exceeds the 0% or 100%
values a 70 ns overdrive recovery transient will
occur when it is brought back to linear range If
quicker gain overdrive response is required the
Force control inputs of the EL4095 can be used
Force Inputs
The Force inputs completely override the VGAIN
setting and establish maximum attainable 0%
and 100% gains for the two input channels They
are activated by a TTL logic low on either of the
FORCE pins and perform the analog switching
very quickly and cleanly FORCEA causes 100%
gain on the A channel and 0% on the B channel
FORCEB does the reverse but there is no de-
fined output state when FORCEA and FORCEB
are simultaneously asserted
The Force inputs do not incur recovery time pen-
alties and make ideal multiplexing controls A
typical use would be text overlay where the A
channel is a video input and the B channel is
digitally created text data The FORCEA input
is set low normally to pass the video signal but
released to display overlay data The gain control
can be used to set the intensity of the digital
overlay
Other Applications Circuits
The EL4095 can also be used as a variable-gain
single input amplifier If a 0% lower gain ex-
treme is required
one channel’s input should
simply be grounded Feedback resistors must be
connected to both bVIN terminals the EL4095
will not give the expected gain range when a
channel is left unconnected
This circuit gives a05 to a20 gain range and
is useful as a signal leveller where a constant
output level is regulated from a range of input
amplitudes
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com