Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4095CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4095CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4095CS Datasheet HTML 1Page - Elantec Semiconductor EL4095CS Datasheet HTML 2Page - Elantec Semiconductor EL4095CS Datasheet HTML 3Page - Elantec Semiconductor EL4095CS Datasheet HTML 4Page - Elantec Semiconductor EL4095CS Datasheet HTML 5Page - Elantec Semiconductor EL4095CS Datasheet HTML 6Page - Elantec Semiconductor EL4095CS Datasheet HTML 7Page - Elantec Semiconductor EL4095CS Datasheet HTML 8Page - Elantec Semiconductor EL4095CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
EL4095C
Video Gain ControlFaderMultiplexer
Absolute Maximum Ratings (T
A
e
25 C)
VSa
Supply Voltage
a
18V
VS
Voltage between VS
a and VSb
a
33V
a
VINA
Input Voltage
(VSb) b03V
a
VINB
to (VS
a ) a03V
IIN
Current Into bVINA bVINB
5mA
VGAIN
Input Voltage
VGAIN g5V
VGAIN
Input Voltage
VSb to VSa
VFORCE Input Voltage
b
1V to a6V
IOUT
Output Current
g
35 mA
TA
Operating Temperature Range
b
40 Cto a85 C
TJ
Operating Junction Temperature
0 Cto a150 C
TST
Storage Temperature Range
b
65 Cto a150 C
Internal Power Dissipation
See Curves
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
Open Loop DC Electrical Characteristics
VS e g15V TA e 25 C VGAIN ground unless otherwise specified
Parameter
Description
Limits
Test
Units
Min
Typ
Max
Level
VOS
Input Offset Voltage
15
5
I
mV
IBa
a
VIN Input Bias Current
5
10
I
mA
IBb
b
VIN Input Bias Current
10
50
I
mA
CMRR
Common Mode Rejection
65
80
I
dB
b
CMRR
b
VIN Input Bias Current
05
15
I
mAV
Common Mode Rejection
PSRR
Power Supply Rejection Ratio
65
95
I
dB
b
IPSR
b
VIN Input Current
02
2
I
mAV
Power Supply Rejection Ratio
ROL
Transimpedance
02
04
I
M
X
RINb
b
VIN Input Resistance
80
V
X
VIN
a
VIN Range
(Vb) a 35
(Va) b35
I
V
VO
Output Voltage Swing
(Vb) a2(Va) b2I
V
ISC
Output Short-Circuit Current
80
125
160
I
mA
VIH
Input High Threshold at
20
I
V
Force A or Force B Inputs
VIL
Input Low Threshold at
08
I
V
Force A or Force B Inputs
IFORCE High
Input Current of Force A
b
50
I
mA
or Force B VFORCE e 5V
IFORCE Low
Input Current of Force A
b
440
b
650
I
mA
or Force B VFORCE e 0V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com